Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3345W Datasheet (PDF) - Bourns Electronic Solutions

3345W Datasheet PDF - Bourns Electronic Solutions
Part # 3345W
Download  3345W Download
File Size   112.54 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3345 - 1/2 ” Round Trimpot® Trimming Potentiometer

3345W Datasheet (PDF)

Go To PDF Page Download Datasheet
3345W Datasheet PDF - Bourns Electronic Solutions

Part # 3345W
Download  3345W Click to download

File Size   112.54 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3345 - 1/2 ” Round Trimpot® Trimming Potentiometer

3345W Datasheet (HTML) - Bourns Electronic Solutions


3345W Product details

Features
Single-turn / Wirewound / Industrial /
Sealed
Industrial wirewound
1.0 watt power rating at 70 °C
Available with a thumbwheel and
screwdriver slot adjustment
RoHS compliant*
For trimmer applications/processing guidelines,




Similar Part No. - 3345W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3345 BOURNS-3345 Datasheet
74Kb / 1P
1/2 ?앪?Round Trimming Potentiometer
logo
Heyco.
3345 HEYCO-3345 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Adafruit Industries
3345 ADAFRUIT-3345 Datasheet
102Kb / 2P
Adafruit Metro Starter Pack
logo
KR Electronics, Inc.
3345-14.7-SMA KR-3345-14.7-SMA Datasheet
88Kb / 2P
KR Electronics part number 3345-14.7-SMA is a 14.7 MHz notch filter
3345-85.3-SMA KR-3345-85.3-SMA Datasheet
88Kb / 2P
KR Electronics part number 3345-85.3-SMA is a 85.3 MHz notch filter
More results


Similar Description - 3345W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
Round Trimpot Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
Trimpot Trimming Potentiometer
3306 BOURNS-3306 Datasheet
140Kb / 1P
6 mm Round Trimpot Trimming Potentiometer
3319 BOURNS-3319_13 Datasheet
188Kb / 1P
9 mm Round Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
1/2 Square Trimpot Trimming Potentiometer
RJ50FP103 BOURNS-RJ50FP103 Datasheet
125Kb / 1P
Round Trimpot Trimming Potentiometer
3082P-45-204 BOURNS-3082P-45-204 Datasheet
135Kb / 1P
3082 - 1/2 Rectangular Trimpot Trimming Potentiometer
3329S-1-502 BOURNS-3329S-1-502 Datasheet
176Kb / 2P
3329 - 1/4 Round Trimpot Trimming Potentiometer
3250 BOURNS-3250_13 Datasheet
132Kb / 1P
3250 - 1/2 Square Trimpot Trimming Potentiometer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com