Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8250-R15K-RC Datasheet (PDF) - Bourns Electronic Solutions

8250-R15K-RC Datasheet PDF - Bourns Electronic Solutions
Part # 8250-R15K-RC
Download  8250-R15K-RC Download
File Size   269.18 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 8250 Series - Shielded RF Choke

8250-R15K-RC Datasheet (PDF)

Go To PDF Page Download Datasheet
8250-R15K-RC Datasheet PDF - Bourns Electronic Solutions

Part # 8250-R15K-RC
Download  8250-R15K-RC Click to download

File Size   269.18 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 8250 Series - Shielded RF Choke

8250-R15K-RC Datasheet (HTML) - Bourns Electronic Solutions


8250-R15K-RC Product details

Features
Formerly model
Current rating up to 3 A
Inductance range: 0.1 μH to 100,000 μH
Shielded
RoHS compliant

Applications
■ Signal processing
■ Telecommunications
■ Dense board designs




Similar Part No. - 8250-R15K-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
8250-R15K-RC BOURNS-8250-R15K-RC Datasheet
262Kb / 2P
Shielded RF Choke
More results


Similar Description - 8250-R15K-RC

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADCH-80A MINI-ADCH-80A Datasheet
51Kb / 1P
RF Choke
ADCH-80A+ MINI-ADCH-80A+ Datasheet
215Kb / 1P
RF Choke
logo
Frontier Electronics.
3361I FRONTIER-3361I Datasheet
132Kb / 1P
RF Signal Choke
logo
Bourns Electronic Solut...
5300-42-RC BOURNS-5300-42-RC Datasheet
224Kb / 2P
5300 Series Conformal Coated RF Choke
8250-R10K-RC BOURNS-8250-R10K-RC Datasheet
262Kb / 2P
Shielded RF Choke
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
5300 Series Conformal Coated RF Choke
77F471J-TR-RC BOURNS-77F471J-TR-RC Datasheet
188Kb / 3P
77F Series Conformal Coated RF Choke
77F680J-TR-RC BOURNS-77F680J-TR-RC Datasheet
172Kb / 2P
77F Series Conformal Coated RF Choke
logo
Allied Components Inter...
PCS1087 ALLIED-PCS1087 Datasheet
1Mb / 7P
Power Choke Shielded
logo
Mini-Circuits
ADCH-1220-75 MINI-ADCH-1220-75 Datasheet
314Kb / 2P
RF Choke
REV. OR
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com