Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4294A Datasheet (PDF) - TDK Electronics

4294A Datasheet PDF - TDK Electronics
Part # 4294A
Download  4294A Download
File Size   366.25 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common mode filters

4294A Datasheet (PDF)

Go To PDF Page Download Datasheet
4294A Datasheet PDF - TDK Electronics

Part # 4294A
Download  4294A Click to download

File Size   366.25 Kbytes
Page   4 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Common mode filters

4294A Datasheet (HTML) - TDK Electronics


4294A Product details

FEATURES
Common mode filters for automotive Ethernet 1000BASE-T1, compatible with an operating temperature range of –40 to +125°C.
This product is equivalent to the conventional product (ACT1210L-201) compatible with 100BASE-T1.
This product achieves high S-parameter while realizing high reliability by metallizing terminals and laser welding using a proprietary
method.
Operating temperature range: –40 to +125°C
OPEN ALLIANCE 1000BASE-T1 response
Compliant with AEC-Q200
APPLICATION
Ethernet system.




Similar Part No. - 4294A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4294A HP-4294A Datasheet
1,002Kb / 32P
Precision Impedance Analyzer
logo
TDK Electronics
4294A TDK-4294A Datasheet
181Kb / 4P
Inductors for power circuits Wound ferrite
20220712
4294A TDK-4294A Datasheet
251Kb / 4P
Inductors for power circuits Wound ferrite
20221202
4294A TDK-4294A Datasheet
220Kb / 4P
Common mode filters Automotive signal line (for power train/safety)
20221027
4294A TDK-4294A Datasheet
230Kb / 4P
Inductors for power circuits Thin-film metal magnetic material TMS-ALM series
20230410
More results


Similar Description - 4294A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
Common Mode Line Filters
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
COMMON MODE FILTERS
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
Common Mode Filters
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
Common Mode Filters
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
Common mode filters
29-Jul-2014
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
Common mode filters
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com