Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

985313 Datasheet (PDF) - KNIPEX

985313 Datasheet PDF - KNIPEX
Part # 985313
Download  985313 Download
File Size   98.23 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Knives

985313 Datasheet (PDF)

Go To PDF Page Download Datasheet
985313 Datasheet PDF - KNIPEX

Part # 985313
Download  985313 Click to download

File Size   98.23 Kbytes
Page   1 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Knives

985313 Datasheet (HTML) - KNIPEX


985313 Product details

General
Article No. 98 53 13
EAN 4003773026556
Handles insulating multi-component handle, VDE-tested
Weight 64 g
Dimensions 190 x 42 x 26 mm
Standard DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 985313

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
9853-R5K-L2.0 SENSATA-9853-R5K-L2.0 Datasheet
459Kb / 4P
ROTARY POSITION SENSOR
Rev.04/12/18
logo
Schurter Inc.
9853.8100 SCHURTER-9853.8100 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
9853.8200 SCHURTER-9853.8200 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
logo
KNIPEX
985303 KNIPEX-985303 Datasheet
99Kb / 1P
Stripping Knives
05.07.2021
logo
Alpha Wire
9853C ALPHAWIRE-9853C Datasheet
35Kb / 3P
Transceiver drop cable, consisting of 3 pairs 20 AWG (7/28) tinned copper conductors,
More results


Similar Description - 985313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15000 ETC-15000 Datasheet
294Kb / 1P
Wiha Insulated Electrician?셲 Knives
12110252 ETC2-12110252 Datasheet
144Kb / 1P
UTILITY KNIVES
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1657407 PHOENIX-1657407 Datasheet
48Kb / 2P
Stripping tool, for the multi-level stripping of shielded cables
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com