Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9855 Datasheet (PDF) - KNIPEX

9855 Datasheet PDF - KNIPEX
Part # 9855
Download  9855 Download
File Size   174.17 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Knives With guide shoe

9855 Datasheet (PDF)

Go To PDF Page Download Datasheet
9855 Datasheet PDF - KNIPEX

Part # 9855
Download  9855 Click to download

File Size   174.17 Kbytes
Page   2 Pages
Manufacturer  KNIPEX [KNIPEX]
Direct Link  https://www.knipex.com/
Logo KNIPEX - KNIPEX
Description Stripping Knives With guide shoe

9855 Datasheet (HTML) - KNIPEX


9855 Product details

General
Article No. 98 55
EAN 4003773022558
Handles insulating multi-component handle, VDE-tested
Weight 77 g
Dimensions 180 x 46 x 26 mm
Standard DIN EN 60900 IEC 60900
Reach no
RohS no




Similar Part No. - 9855

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9855 BELDEN-9855 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
logo
Sensata Technologies, I...
9855-R5K-L2.0 SENSATA-9855-R5K-L2.0 Datasheet
459Kb / 4P
ROTARY POSITION SENSOR
Rev.04/12/18
logo
Belden Inc.
9855.0101000 BELDEN-9855.0101000 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
9855.01010000 BELDEN-9855.01010000 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
9855.010500 BELDEN-9855.010500 Datasheet
144Kb / 2P
POS Cable, #22-2pr, TC, PO, O/A Foil55% TC Braid, PVC Jkt, CM
05-05-2023
More results


Similar Description - 9855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15000 ETC-15000 Datasheet
294Kb / 1P
Wiha Insulated Electrician?셲 Knives
12110252 ETC2-12110252 Datasheet
144Kb / 1P
UTILITY KNIVES
logo
Rosenberger Hochfrequen...
60W110-C03 ROSENBERGER-60W110-C03 Datasheet
48Kb / 1P
STRIPPING TOOL
60W107-C05 ROSENBERGER-60W107-C05 Datasheet
431Kb / 1P
STRIPPING TOOL
60W110-C06 ROSENBERGER-60W110-C06 Datasheet
29Kb / 1P
STRIPPING TOOL
60W110-C08 ROSENBERGER-60W110-C08 Datasheet
50Kb / 1P
STRIPPING TOOL
logo
PHOENIX CONTACT
1204481 PHOENIX-1204481 Datasheet
50Kb / 2P
Stripping tool - CYCLOPS
logo
HARTING Technology Grou...
09-14-000-9912 HARTING-09-14-000-9912 Datasheet
465Kb / 2P
Han-Modular PE-Cable shoe 16mm짼
2021-10-01
logo
Pepperl+Fuchs Inc.
VAZ-FK-R-STRIPPER PF-VAZ-FK-R-STRIPPER Datasheet
102Kb / 1P
Stripping pliers
2009-03-11
logo
Molex Electronics Ltd.
63817-1800 MOLEX-63817-1800 Datasheet
1Mb / 19P
Pneumatic Stripping Machine
7-26-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com