Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC115TM Datasheet (PDF) - Rohm

DTC115TM Datasheet PDF - Rohm
Part # DTC115TM
Download  DTC115TM Download
File Size   1582.78 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)

DTC115TM Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC115TM Datasheet PDF - Rohm

Part # DTC115TM
Download  DTC115TM Click to download

File Size   1582.78 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)

DTC115TM Datasheet (HTML) - Rohm


DTC115TM Product details

lFeatures
1) Built-In Biasing Resistors, R1 = 100kΩ
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
for operation, making the circuit design easy.
4) Complementary PNP Types: DTA115T series




Similar Part No. - DTC115TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115TM ROHM-DTC115TM Datasheet
73Kb / 3P
Digital transistors (built in resistor)
DTC115TM ROHM-DTC115TM Datasheet
143Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTC115TM ROHM-DTC115TM Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
DTC115TM ROHM-DTC115TM Datasheet
991Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
logo
ON Semiconductor
DTC115TM3 ONSEMI-DTC115TM3 Datasheet
143Kb / 11P
Digital Transistors (BRT) R1 = 100 k R2 = k
February, 2012 ??Rev. 1
More results


Similar Description - DTC115TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JEBHZG ROHM-DTC123JEBHZG Datasheet
811Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124ECAHZG ROHM-DTC124ECAHZG Datasheet
892Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143TCAHZG ROHM-DTC143TCAHZG Datasheet
1Mb / 7P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143XCAHZG ROHM-DTC143XCAHZG Datasheet
771Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC144EUBHZG ROHM-DTC144EUBHZG Datasheet
886Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC115EU3HZG ROHM-DTC115EU3HZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC123YU3HZG ROHM-DTC123YU3HZG Datasheet
937Kb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124TCA ROHM-DTC124TCA Datasheet
969Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124XU3HZG ROHM-DTC124XU3HZG Datasheet
967Kb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143ZU3HZG ROHM-DTC143ZU3HZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com