Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDOG160128B1Y-RGBM Datasheet (PDF) - Midas Components

MDOG160128B1Y-RGBM Datasheet PDF - Midas Components
Part # MDOG160128B1Y-RGBM
Download  MDOG160128B1Y-RGBM Download
File Size   3094.24 Kbytes
Page   24 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description OLED Module

MDOG160128B1Y-RGBM Datasheet (PDF)

Go To PDF Page Download Datasheet
MDOG160128B1Y-RGBM Datasheet PDF - Midas Components

Part # MDOG160128B1Y-RGBM
Download  MDOG160128B1Y-RGBM Click to download

File Size   3094.24 Kbytes
Page   24 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description OLED Module

MDOG160128B1Y-RGBM Datasheet (HTML) - Midas Components


MDOG160128B1Y-RGBM Product details

Display Features
Resolution 160 x 128
Appearance RGB on Black
Logic Voltage 3V
Interface I2C / SPI / Parallel
Module Size 39.90 x 48.50 x 1.60mm
Operating Temperature -40°C ~ +70°C
Construction COG




Similar Part No. - MDOG160128B1Y-RGBM

ManufacturerPart #DatasheetDescription
logo
Midas Components
MDOG160128A2V-RGBM MIDASDISPLAYS-MDOG160128A2V-RGBM Datasheet
5Mb / 26P
OLED Module
Version: 1 28/10/2021
More results


Similar Description - MDOG160128B1Y-RGBM

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMB3 NEWHAVEN-NHD-2.8-25664UMB3 Datasheet
408Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
NHD-0216KZW-AG5 NEWHAVEN-NHD-0216KZW-AG5_14 Datasheet
2Mb / 22P
OLED Display Module
logo
Crystalfontz America, I...
CFAL1602L0-Y CRYSTAIFONTZ-CFAL1602L0-Y Datasheet
361Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com