Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q535 Datasheet (PDF) - Rohm

ML22Q535 Datasheet PDF - Rohm
Part # ML22Q535
Download  ML22Q535 Download
File Size   4569.12 Kbytes
Page   178 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive

ML22Q535 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML22Q535 Datasheet PDF - Rohm

Part # ML22Q535
Download  ML22Q535 Click to download

File Size   4569.12 Kbytes
Page   178 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive

ML22Q535 Datasheet (HTML) - Rohm


ML22Q535 Product details

■ Feature
● Sound data
Speech synthesis algorithm: The algorithm can be specified for each phrase.
HQ-ADPCM/4bit ADPCM2/8bit non-linear PCM /
8bit Straight PCM/16bit Straight PCM
Sampling frequency: The sampling frequency can be specified for each phrase.
10.7/21.3kHz,
6.4/12.8/25.6kHz,
8.0/16.0/32.0kHz,
11.025/22.05/44.1kHz,
12.0/24.0/48.0kHz
Maximum number of phrases: 4096 Phrases
● Edit ROM function
● Playback function
Repeat function: LOOP command
Mixing-function: Up to 4-channel *1
Volume adjustment function: CVOL command 128 levels (including off-state)
AVOL command 16 levels (including off-state)
● Serial audio interface (slave)
PCM format: 8bit Straight PCM/16bit Straight PCM
Sampling frequency: 8.0/16.0/32.0kHz,
11.025/22.05/44.1kHz,
12.0/24.0/48.0kHz
Data length: 8bit/16bit
BCLK frequency: 32fs to 64fs
LRCLK transfer mode
LRCLK forward/reverse selectable
1-bit delay ON/OFF selectable
MSB first/LSB first selectable
● Low-pass filter
● 16-bit D/A converter
● Speaker amplifier: Class AB 1. 0W 8Ω (SPVDD =5V, Ta=25 OC)
● Line amplifier output: 10kΩ driving (Exclusive operation from speaker amplifier output)
● External analog sound input (with analog mixing function)
● MCU command interface: Clock Synchronous Serial Interface/I2C Interface (Slave)
● Failure detection function
Playback sound error detection
Speaker short detection: Speaker pin ground fault detection, speaker pin short detection
Speaker disconnection detection
Thermal detection
Clock error detection
Flash memory error detection
● Clock backup function
● Master clock frequency: 4.096MHz, 4.000MHz
● Power-supply voltage 2.7V to 5.5V*2
DVDD,SPV DD/SPOVDD and IOVDD can be set independently.
(SPVDD=SPOVDD≥DVDD)
● Operating temperature range: -40 OC to +105 OC*3
● Package: 48-pin TQFP (7mm x 7mm, 0.5mm pitch)
● Ordered Part Name: ML22Q53X-NNNTB, ML22Q53X-xxxTB (48-pin TQFP) *4




Similar Part No. - ML22Q535

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q553 ETC2-ML22Q553 Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q563 ETC2-ML22Q563 Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
More results


Similar Description - ML22Q535

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
CMOS melody LSIs with built-in LED driver
logo
List of Unclassifed Man...
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
logo
Powerbox
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
B AT T E R Y C H A R G E R
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
B AT T E R Y C H A R G E R S Y S T E M
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com