Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2AC2MW Datasheet (PDF) - StarTech.com Ltd.

RUSB2AC2MW Datasheet PDF - StarTech.com Ltd.
Part # RUSB2AC2MW
Download  RUSB2AC2MW Download
File Size   56.76 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel

RUSB2AC2MW Datasheet (PDF)

Go To PDF Page Download Datasheet
RUSB2AC2MW Datasheet PDF - StarTech.com Ltd.

Part # RUSB2AC2MW
Download  RUSB2AC2MW Click to download

File Size   56.76 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel

RUSB2AC2MW Datasheet (HTML) - StarTech.com Ltd.


RUSB2AC2MW Product details

Applications
• Charge and sync your USB Type C mobile devices

Features
• DURABLE: USB A to USB C charging cable reinforced w/ Kevlar aramid fiber for increased tensile strength 5x
stronger than steel. Tested to withstand 10000+ bend cycles at 180 angle & 5000+ insertions
• SPECS: Length: 2m (6ft) Color: White Connectors: USB-C to USB-A Performance: USB 2.0 Material: Aramid
Fiber Power: 3A Jacket Type: TPE Shielding: EMI Protection
• USB-C COMPATIBILITY: Rugged data transfer cable allows you to charge and sync your USB Type C devices
including your iPad Pro, Samsung Galaxy S8, S9, S10, S20, S20+, One Plus & Google Pixel 3a, 3, 4 series
• FAST CHARGE AND SYNC : Supporting up to 3A for fast charging from a USB-A port or Quick Charge power
adapter, this high quality cord is designed to charge and sync your USB C devices
• FLEXIBLE CABLE: Built with a TPE jacket to absorb the stress of frequent bends without damaging the core of the
cable. TPE is non-toxic, halogen free & RoHS certified for environmental sustainability




Similar Part No. - RUSB2AC2MW

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSB2AC2MB STARTECH-RUSB2AC2MB Datasheet
69Kb / 3P
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A Black - Samsung S10, iPad Pro, Pixel
More results


Similar Description - RUSB2AC2MW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-C13 TRIPPLITE-U038-C13 Datasheet
164Kb / 3P
USB Type-A to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 13 ft.
U040-003-C-5A TRIPPLITE-U040-003-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 3 ft.
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
U040-C03-C TRIPPLITE-U040-C03-C Datasheet
159Kb / 3P
USB Type-C to USB Type-C Cable (M/M) - 2.0, 3A Rating, USB-IF Certified, Thunderbolt 3, 3 ft.
M102-003-WH TRIPPLITE-M102-003-WH Datasheet
161Kb / 3P
USB-C Sync / Charge Cable with Lightning Connector - M/M, USB 2.0, White, 3 ft. (0.9 m)
logo
IOGEAR
G2LU3CAM02-WT IOGEAR-G2LU3CAM02-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable 6.5ft. (2m)
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com