Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

45-2131.1110.000. Datasheet (PDF) - EAO AG.

45-2131.1110.000. Datasheet PDF - EAO AG.
Part # 45-2131.1110.000.
Download  45-2131.1110.000. Download
File Size   343.08 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Pushbutton actuator, Momentary

45-2131.1110.000. Datasheet (PDF)

Go To PDF Page Download Datasheet
45-2131.1110.000. Datasheet PDF - EAO AG.

Part # 45-2131.1110.000.
Download  45-2131.1110.000. Click to download

File Size   343.08 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Pushbutton actuator, Momentary

45-2131.1110.000. Datasheet (HTML) - EAO AG.


45-2131.1110.000. Product details

Mounting
Design raised
Mounting cut-out Ø 22.5 mm
Front
Front shape round
Front dimension Ø 29.45 mm
Front ring material Plastic
Front ring colour black
Other Attributes
Weight 0.013 kg




Similar Part No. - 45-2131.1110.000.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
45-2131.1120.000 EAO-45-2131.1120.000 Datasheet
346Kb / 2P
Pushbutton actuator, Momentary
01.10.2015
45-2131.1120.000. EAO-45-2131.1120.000. Datasheet
346Kb / 2P
Pushbutton actuator, Momentary
01.10.2015
45-2131.1190.000 EAO-45-2131.1190.000 Datasheet
347Kb / 2P
Pushbutton actuator, Momentary
01.10.2015
45-2131.1190.000. EAO-45-2131.1190.000. Datasheet
347Kb / 2P
Pushbutton actuator, Momentary
01.10.2015
More results


Similar Description - 45-2131.1110.000.

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
Snap-acting Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
Alternate & Momentary Action Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
TP32W003050 ETC2-TP32W003050 Datasheet
205Kb / 6P
Tiny washable momentary pushbutton switches
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
Snap-Acting Momentary Pushbutton Switch
logo
C&K Components
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com