Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT32M225 Datasheet (PDF) - StarTech.com Ltd.

SAT32M225 Datasheet PDF - StarTech.com Ltd.
Part # SAT32M225
Download  SAT32M225 Download
File Size   129.13 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description M.2 NGFF SSD to 2.5in SATA Adapter Converter

SAT32M225 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAT32M225 Datasheet PDF - StarTech.com Ltd.

Part # SAT32M225
Download  SAT32M225 Click to download

File Size   129.13 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description M.2 NGFF SSD to 2.5in SATA Adapter Converter

SAT32M225 Datasheet (HTML) - StarTech.com Ltd.


SAT32M225 Product details

Applications
Turn an unused M.2 (NGFF) drive into a regular 2.5in SATA solid state drive
Retrieve/backup data from an M.2 (NGFF) drive with a standard SATA computer
Access M.2 (NGFF) drives from an external source, such as a SATA drive enclosure or docking station

Features
Open-frame steel mounting bracket
Supports 7mm or larger 2.5" SATA bays
Support for SATA revision I/II/III (1.5/3.0/6.0 Gbps)
2.5in SATA form factor housing
Supports full length M.2 NGFF (Next Generation Form Factor) SSD Solid State Drives (2230, 2242, 2260,
2280)




Similar Part No. - SAT32M225

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
869MHz Narrow Band FM Transmitter
logo
Shanghai Leiditech Elec...
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
logo
YAGEO Corporation
SAT36A05L05 YAGEO-SAT36A05L05 Datasheet
473Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
Jun. 30, 2023 V.2
More results


Similar Description - SAT32M225

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U457-1M2-SATAG2 TRIPPLITE-U457-1M2-SATAG2 Datasheet
163Kb / 3P
USB 3.1 Gen 2 (10 Gbps) USB-C to M.2 NGFF SATA SSD (B-Key) Enclosure Adapter with UASP Support, Thunderbolt??3 Compatible
P960-001-M2 TRIPPLITE-P960-001-M2 Datasheet
174Kb / 2P
M.2 NGFF SATA SSD (B-Key) to 2.5 in. SATA Enclosure Adapter
P960-001-M2-NE TRIPPLITE-P960-001-M2-NE Datasheet
176Kb / 2P
M.2 NGFF SSD (B-Key) to 2.5 in. SATA Open-Frame Housing Adapter
P960-001-MSATA TRIPPLITE-P960-001-MSATA Datasheet
171Kb / 2P
mSATA SSD to 2.5 in. SATA Enclosure Adapter Converter
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
logo
Apacer Technology Inc.
SM21P-M280 APACER-SM21P-M280 Datasheet
782Kb / 4P
SATA 3 (6Gb/s) interface, M.2 (NGFF) connector
SM230-M280 APACER-SM230-M280 Datasheet
1Mb / 5P
SATA 3 (6Gb/s) interface, M.2 (NGFF) connector
logo
Advantech Co., Ltd.
SQF-S4B-650 ADVANTECH-SQF-S4B-650 Datasheet
424Kb / 1P
SATA III (6.0Gb) M.2 2242 SSD
1-Aug-2022
SQF-S8B-650 ADVANTECH-SQF-S8B-650 Datasheet
385Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
31-May-2022
SQF-SM8-830 ADVANTECH-SQF-SM8-830 Datasheet
675Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
21-Jun-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com