| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
QOU325
|
99Kb / 2P |
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
Feb 21, 2020 |
|
QOUQ325
|
122Kb / 2P |
QOUQ Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
|
|
QOUR325
|
117Kb / 2P |
QOUQ Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
|
|
QOU325VH
|
139Kb / 2P |
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 22kA
Mar 2, 2020 |
|
BGL36025
|
121Kb / 3P |
PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BJL36025
|
124Kb / 3P |
PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BDP36025
|
116Kb / 3P |
PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BJP36025
|
119Kb / 3P |
PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
HGL36025ABSO
|
166Kb / 2P |
POWERPACT H-FRAME, CIRCUIT BREAKER, THERMAL-MAGNETIC, 25A, 3P, 600V, 18kA
Jul 27, 2020 |
|
HJL36025SA
|
141Kb / 2P |
POWERPACT H-FRAME, CIRCUIT BREAKER, THERMAL-MAGNETIC, 25A, 3P, 600V, 25kA
Jul 27, 2020 |