Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM808 Datasheet (PDF) - LM Technologies Ltd

LM808 Datasheet PDF - LM Technologies Ltd
Part # LM808
Download  LM808 Download
File Size   2934.53 Kbytes
Page   3 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM808 WiFi 802.11ac/b/g/n Adapter

LM808 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM808 Datasheet PDF - LM Technologies Ltd

Part # LM808
Download  LM808 Click to download

File Size   2934.53 Kbytes
Page   3 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM808 WiFi 802.11ac/b/g/n Adapter

LM808 Datasheet (HTML) - LM Technologies Ltd


LM808 Product details

Features
Supports All IEEE Standards
IEEE 802.11ac/a/b/g/n/d/e/h/i
Backward compatible with 802.11a/b/g devices
while operating over 802.11n
Maximum Data Rates at
• 72.2 Mbps Using 20MHz bandwidth
• 150 Mbps Using 40MHz bandwidth
• 433.3Mbps Using 80MHz bandwidth
Operates over ISM bands (2.4GHz and 5GHz)
20MHz / 40MHz / 80MHz Bandwidth Transmission
Modulation
• OFDM with BPSK, QPSK, 16QAM, 64QAM and 256QAM
• Convolutional Coding Rate: 1/2, 2/3, 3/4, and 5/6
WiFi Direct and support for WiFi P2P PAN network




Similar Part No. - LM808

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Pulse A Technitrol Comp...
LM800 PULSE-LM800 Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
Unisonic Technologies
LM8003 UTC-LM8003 Datasheet
85Kb / 4P
3 SIRENS AND MACHINE GUN WITH 2 LEDS
More results


Similar Description - LM808

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EWM-W149P ADVANTECH-EWM-W149P Datasheet
305Kb / 1P
802.11 a/b/g/n USB 4-Pin WiFi Module Card
WIFI-110E ADVANTECH-WIFI-110E Datasheet
150Kb / 9P
WiFi-110E is an IEEE802.11 n/b/g mini-PCI
logo
TriQuint Semiconductor
TQP6M9017 TRIQUINT-TQP6M9017_15 Datasheet
298Kb / 1P
802.11ac/a/b/g/n WLAN/BT High Performance Front-End Module
logo
List of Unclassifed Man...
EC19D01 ETC2-EC19D01 Datasheet
508Kb / 2P
EC19D01802.11b/g/n 8x8x1.5mm WiFi Modules
logo
Compex Systems Pte. Lte...
WLE1000V5-20 COMPEX-WLE1000V5-20 Datasheet
916Kb / 4P
3x3 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216V5-20 COMPEX-WLE1216V5-20 Datasheet
1Mb / 4P
4x4 802.11ac Wave 2 Mini PCIe WiFi Module
WLE1216V5-20-I COMPEX-WLE1216V5-20-I Datasheet
1Mb / 4P
4x4 802.11ac Wave 2 Mini PCIe WiFi Module
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
Advantech Co., Ltd.
AIW-154 ADVANTECH-AIW-154 Datasheet
386Kb / 1P
802.11ac/a/b/g/n and BT 5.0 M.2 2230 Module
15-Feb-2022
EWM-W194 ADVANTECH-EWM-W194 Datasheet
385Kb / 1P
802.11ac/a/b/g/n and BT 5.0 M.2 2230 Module
15-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com