Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM910 Datasheet (PDF) - LM Technologies Ltd

LM910 Datasheet PDF - LM Technologies Ltd
Part # LM910
Download  LM910 Download
File Size   9328.7 Kbytes
Page   12 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM910 Bluetooth® v4.0 Dual Mode Module

LM910 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM910 Datasheet PDF - LM Technologies Ltd

Part # LM910
Download  LM910 Click to download

File Size   9328.7 Kbytes
Page   12 Pages
Manufacturer  LMTECHNOLOGIES [LM Technologies Ltd]
Direct Link  https://www.lm-technologies.com/
Logo LMTECHNOLOGIES - LM Technologies Ltd
Description LM910 Bluetooth® v4.0 Dual Mode Module

LM910 Datasheet (HTML) - LM Technologies Ltd


LM910 Product details

Features
Bluetooth® v4.0 wireless technology
< 35mA Current Consumption (Continuous Tx mode)
PCB Antenna
10 dBm (Bluetooth® v2.1 + EDR) and 9 dBm (Bluetooth® v4.0) Tx Output Power
-85 dBm (Bluetooth® 2.1 +EDR) and -90 dBm (Bluetooth® v4.0) Rx Sensitivity
USB 2.0 (Full Speed) for data and power source
Host Controller Interface (HCI)
Plug and Play (OSX, Linux and Windows XP to Windows 10 compatible)
Voice and Data Application support
(including VoIP over Bluetooth®)
Stereo Audio supported
18mm x 9.7mm X 2.5mm
SMT Side and Bottom Pads for easy production
IC, FCC, CE / RED Directive and SIG Certified Solution
RoHS, REACH and WEEE Compliant Solution




Similar Part No. - LM910

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM9140 NSC-LM9140 Datasheet
192Kb / 12P
Precision Micropower Shunt Voltage Reference
LM9140BYZ-10.0 NSC-LM9140BYZ-10.0 Datasheet
192Kb / 12P
Precision Micropower Shunt Voltage Reference
logo
OKI electronic componet...
LM91DIMQA OKI-LM91DIMQA Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
LM91DIMQAX OKI-LM91DIMQAX Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Similar Description - LM910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1273-TIWI5 TI-WL1273-TIWI5 Datasheet
27Kb / 2P
WLAN 802.11 a/b/g/n and Bluetooth v4.0 BLE Module
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
Dual Mode, Place and Play Bluetooth Module
logo
Laird Tech Smart Techno...
BT900 LSTD-BT900 Datasheet
388Kb / 2P
Bluetooth v4.0 Dual Modules with smartBASIC
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Microchip Technology
BM78 MICROCHIP-BM78_V01 Datasheet
3Mb / 60P
Bluetooth® Dual-Mode Module
2016-2019
logo
Silicon Laboratories
WT11I-A SILABS-WT11I-A Datasheet
1Mb / 46P
WT11i Bluetooth® Module
Version 1.64
WT11I-E SILABS-WT11I-E Datasheet
1Mb / 40P
WT11i Bluetooth® Module
Version 1.14
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
WT41 Bluetooth® Module
Version 1.45
WT41-E SILABS-WT41-E Datasheet
1Mb / 42P
WT41 Bluetooth® Module
Version 1.4
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com