Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRM2-12-S5-S Datasheet (PDF) - CUI INC

DRM2-12-S5-S Datasheet PDF - CUI INC
Part # DRM2-12-S5-S
Download  DRM2-12-S5-S Download
File Size   1993.99 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC-DC CONVERTER

DRM2-12-S5-S Datasheet (PDF)

Go To PDF Page Download Datasheet
DRM2-12-S5-S Datasheet PDF - CUI INC

Part # DRM2-12-S5-S
Download  DRM2-12-S5-S Click to download

File Size   1993.99 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC-DC CONVERTER

DRM2-12-S5-S Datasheet (HTML) - CUI INC


DRM2-12-S5-S Product details

DESCRIPTION: DC-DC CONVERTER
FEATURES
• 2 W isolated output
• industry standard SIP package
• single and dual unregulated output
• short circuit protection
• 3,000 Vdc isolation voltage
• certified to UL 62368-1
• -40 to 95 °C with derating




Similar Part No. - DRM2-12-S5-S

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
DRM-24T FOTEK-DRM-24T Datasheet
494Kb / 2P
Digital Meter
logo
Delta Electronics, Inc.
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
Universal AC input voltage range
DRM-24V80W1PN DELTA-DRM-24V80W1PN Datasheet
1Mb / 20P
Built-in active PFC and up to 90% efficiency
logo
FOTEK CONTROLS CO., LTD...
DRM-25T FOTEK-DRM-25T Datasheet
494Kb / 2P
Digital Meter
More results


Similar Description - DRM2-12-S5-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com