Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-CM402F Datasheet (PDF) - Analog Devices

ADSP-CM402F Datasheet PDF - Analog Devices
Part # ADSP-CM402F
Download  ADSP-CM402F Download
File Size   5376.01 Kbytes
Page   124 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs

ADSP-CM402F Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-CM402F Datasheet PDF - Analog Devices

Part # ADSP-CM402F
Download  ADSP-CM402F Click to download

File Size   5376.01 Kbytes
Page   124 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs

ADSP-CM402F Datasheet (HTML) - Analog Devices


ADSP-CM402F Product details

SYSTEM FEATURES
Up to 240MHz ARM Cortex-M4 with floating-point unit
24-channel analog front end (AFE) with 16-bit ADCs
128K Byte to 384K Byte zero-wait-state L1 SRAM with
16K Byte L1 cache
Up to 2M Byte flash memory
Single 3.3 V power supply
Package Options:
176-lead (24 mm × 24 mm) LQFP package
120-lead (14 mm × 14 mm) LQFP package
212-ball (19 mm × 19 mm) BGA package
Static memory controller (SMC) with asynchronous memory
interface that supports 8-bit and 16-bit memories
Enhanced PWM units
Four 3rd/4th order SINC filter pairs for glueless connection of
sigma-delta modulators
Hardware-based harmonic analysis engine
10/100 Ethernet MAC with IEEE 1588v2 support




Similar Part No. - ADSP-CM402F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
More results


Similar Description - ADSP-CM402F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
32-bit ARM Cortex-M4 microcontroller
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
logo
BCM Advanced Research.
AR8MXMQ BCM-AR8MXMQ Datasheet
591Kb / 1P
NXP i.MX 8M ARM Motherboard supports Cortex A53/ Cortex M4, Quad Core Processor
2021/06/09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com