Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181C Datasheet (PDF) - Analog Devices

ADV7181C Datasheet PDF - Analog Devices
Part # ADV7181C
Download  ADV7181C Download
File Size   359.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer

ADV7181C Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7181C Datasheet PDF - Analog Devices

Part # ADV7181C
Download  ADV7181C Click to download

File Size   359.24 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer

ADV7181C Datasheet (HTML) - Analog Devices


ADV7181C Product details

FEATURES
Four 10-bit ADCs sampling up to 110 MHz
6 analog input channels
SCART fast blank support
Internal antialias filters
NTSC, PAL, and SECAM color standards support
525p/625p component progressive scan support
720p/1080i component HDTV support
Digitizes RGB graphics up to 1024 × 768 at 70 Hz (XGA)
3 × 3 color space conversion matrix
Industrial temperature range: −40°C to +85°C
12-bit 4:4:4 DDR, 8-/10-/16-/20-bit SDR pixel output interface
Programmable interrupt request output pin
Small package
Low pin count
Single front end for video and graphics
VBI data slicer (including teletext)
Qualified for automotive applications

APPLICATIONS
Automotive entertainment
HDTVs
LCD/DLP projectors
HDTV STBs with PVR
DVD recorders with progressive scan input support
AVR receivers




Similar Part No. - ADV7181C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181CBCPZ AD-ADV7181CBCPZ Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181CBCPZ-REEL AD-ADV7181CBCPZ-REEL Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181CBSTZ AD-ADV7181CBSTZ Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7181CBSTZ-REEL AD-ADV7181CBSTZ-REEL Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
More results


Similar Description - ADV7181C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
9/05-Rev. Sp 0 to Rev. SpA
AD9388A AD-AD9388A Datasheet
638Kb / 28P
10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
Multiformat SDTV Video Decoder
Rev. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com