Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82-4151.01A4. Datasheet (PDF) - EAO AG.

82-4151.01A4. Datasheet PDF - EAO AG.
Part # 82-4151.01A4.
Download  82-4151.01A4. Download
File Size   424.56 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Indicator 16 mm stainless-steel

82-4151.01A4. Datasheet (PDF)

Go To PDF Page Download Datasheet
82-4151.01A4. Datasheet PDF - EAO AG.

Part # 82-4151.01A4.
Download  82-4151.01A4. Click to download

File Size   424.56 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Indicator 16 mm stainless-steel

82-4151.01A4. Datasheet (HTML) - EAO AG.


82-4151.01A4. Product details

Mounting
Mounting cut-out Ø 16 mm
Design flush
Front
Front dimension Ø 18 mm
Front shape round
Front ring shape flush
Front bezel material Stainless steel
Other Attributes
Operating voltage 24 V VDC
Weight 0,018 kg
Operation current 7 mA




Similar Part No. - 82-4151.01A4.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
82-4151.1154 EAO-82-4151.1154 Datasheet
254Kb / 2P
Illuminated Pushbutton
6/24/2018
82-4151.1155 EAO-82-4151.1155 Datasheet
254Kb / 2P
Illuminated Pushbutton
6/24/2018
More results


Similar Description - 82-4151.01A4.

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
logo
EAO AG.
82-6151.0124 EAO-82-6151.0124 Datasheet
463Kb / 2P
Indicator 22 mm stainless-steel
05.09.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com