Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1412RR Datasheet (PDF) - Hammond Manufacturing Ltd.

1412RR Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1412RR
Download  1412RR Download
File Size   241.42 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Utility Enclosures 1411-1412 Series

1412RR Datasheet (PDF)

Go To PDF Page Download Datasheet
1412RR Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1412RR
Download  1412RR Click to download

File Size   241.42 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Utility Enclosures 1411-1412 Series

1412RR Datasheet (HTML) - Hammond Manufacturing Ltd.


1412RR Product details

Key Features
Two Versions:
“1411” series - 0.04” thick aluminum (26 sizes)
“1412” series - 20 gauge steel (8 sizes).
Four self-tapping screws included.
Features:
Unpainted aluminum or ASA 61 grey - baked powder paint.
Unpainted aluminum version is protected through manufacturing and shipping with a
plastic film cover to ensure a high quality finish. Also doubles as a removable drilling
template.
Versions with wall-mounting flanges are available in unfinished or black powder coated
aluminum.
Steel finished in ASA 61 grey baked powder paint (inside and out to prevent rust).
Replacement screws 1421J6 (Pkg. of six (6), 6-32 Philips head screws).




Similar Part No. - 1412RR

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1412 IET-1412 Datasheet
209Kb / 2P
Decade Capacitor
April 2020
logo
Abbatron All Rights Res...
1412 ABBATRON-1412 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1412-1 ETC2-1412-1 Datasheet
493Kb / 1P
Space saving design for high density packaging
logo
Keystone Electronics Co...
1412-1 KEYSTONE-1412-1 Datasheet
485Kb / 1P
MICRO JACKS
31-07 20th
logo
List of Unclassifed Man...
1412-2 ETC2-1412-2 Datasheet
493Kb / 1P
Space saving design for high density packaging
More results


Similar Description - 1412RR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU-1039 ETC2-AU-1039 Datasheet
62Kb / 1P
UTILITY CABINET
12110252 ETC2-12110252 Datasheet
144Kb / 1P
UTILITY KNIVES
logo
Bud Industries, Inc.
CU-463 BUD-CU-463 Datasheet
53Kb / 1P
CONTOUR UTILITY CABINET
logo
Xilinx, Inc
DS481 XILINX-DS481 Datasheet
196Kb / 5P
Utility Vector Logic
DS482 XILINX-DS482 Datasheet
188Kb / 5P
Utility Reduced Logic
DS647 XILINX-DS647 Datasheet
181Kb / 5P
LogiCORE IP Utility Differential
DS694 XILINX-DS694 Datasheet
154Kb / 4P
Utility IO Multiplexer
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
Utility meters
logo
ADL Embedded Solutions
ADLSSTV2.0 ADL-ADLSSTV2.0 Datasheet
461Kb / 1P
Software Utility
logo
TAI-SAW TECHNOLOGY CO.,...
TA2313A TAI-SAW-TA2313A Datasheet
331Kb / 8P
SAW Filter 1412 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com