Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

308-32402 Datasheet (PDF) - HellermannTyton.

308-32402 Datasheet PDF - HellermannTyton.
Part # 308-32402
Download  308-32402 Download
File Size   344.87 Kbytes
Page   2 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Heat Shrinkable Tubing 3:1 on a Reel

308-32402 Datasheet (PDF)

Go To PDF Page Download Datasheet
308-32402 Datasheet PDF - HellermannTyton.

Part # 308-32402
Download  308-32402 Click to download

File Size   344.87 Kbytes
Page   2 Pages
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.
Description Heat Shrinkable Tubing 3:1 on a Reel

308-32402 Datasheet (HTML) - HellermannTyton.


308-32402 Product details

Features and Benefits
• Unlined tubing in handly dispenser packs
• High shrink ratio (3:1) tubing
• Fits highly variable substrate dimensions
• Only 6 sizes for application diameter range of 1 mm up to 20 mm,
reduce inventory by half




Similar Part No. - 308-32402

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
308-30151 HELLERMANNTYTON-308-30151 Datasheet
311Kb / 2P
Heat Shrinkable Tubing 3:1 in blister bags
308-30160 HELLERMANNTYTON-308-30160 Datasheet
311Kb / 2P
Heat Shrinkable Tubing 3:1 in blister bags
308-30161 HELLERMANNTYTON-308-30161 Datasheet
311Kb / 2P
Heat Shrinkable Tubing 3:1 in blister bags
308-30162 HELLERMANNTYTON-308-30162 Datasheet
311Kb / 2P
Heat Shrinkable Tubing 3:1 in blister bags
308-30163 HELLERMANNTYTON-308-30163 Datasheet
311Kb / 2P
Heat Shrinkable Tubing 3:1 in blister bags
More results


Similar Description - 308-32402

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
018307-000 MACOM-018307-000 Datasheet
31Kb / 2P
Very-thin-wall, highly flame-retardant, metric-sized heat-shrinkable tubing
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
Low Smoke Heat-Shrinkable Rubber Tubing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com