Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5512 Datasheet (PDF) - Analog Devices

LT5512 Datasheet PDF - Analog Devices
Part # LT5512
Download  LT5512 Download
File Size   134.35 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 933A HF/VHF/UHF DOWNCONVERTING MIXER

LT5512 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT5512 Datasheet PDF - Analog Devices

Part # LT5512
Download  LT5512 Click to download

File Size   134.35 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 933A HF/VHF/UHF DOWNCONVERTING MIXER

LT5512 Datasheet (HTML) - Analog Devices


LT5512 Product details

DESCRIPTION
Demonstration circuit 933A is a HF/VHF/UHF Downconverting
Mixer featuring the LT®5512. The RF input
frequency is optimized for 140MHz, and the IF output
frequency range is 0.1MHz to 100MHz. With minor
component changes, the demo board can be configured
for different RF frequencies from 250kHz to
450MHz.
The LT5512 is an active double-balanced mixer IC,
optimized for high linearity HF, VHF and UHF applications.
The IC includes an integrated LO buffer amplifier
to drive the mixer and an RF buffer amplifier for
improved LO-RF isolation. Internal bias circuits eliminate
the need for precision external resistors and allow
the device to be powered-down using the enable
control (EN) pin.
The externally matched RF and IF ports allow the
mixer to be used at very low frequencies, below
1MHz or up to 3GHz. The differential LO input is designed
for single-ended or a differential drive.
The LT5512 is a high-linearity alternative to passive
diode mixers. Unlike passive mixers, which have conversion
loss and require high LO drive levels, the
LT5512 delivers conversion gain and requires significantly
lower LO drive levels.
Design files for this circuit board are available. Call
the LTC factory.




Similar Part No. - LT5512

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5512 LINER-LT5512 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LT5512 LINER-LT5512 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5512 LINER-LT5512 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LT5512 LINER-LT5512_15 Datasheet
250Kb / 12P
1kHz-3GHz High Signal Level Active Mixer
More results


Similar Description - LT5512

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3770 SANYO-2SC3770 Datasheet
67Kb / 3P
UHF,VHF Oscillator, Mixer, HF Amp Applications
2SC3771 SANYO-2SC3771 Datasheet
103Kb / 4P
UHF,VHF Oscillator, Mixer, HF Amp Applications?
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
02-Mar-2009
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com