Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2953CDD-1 Datasheet (PDF) - Analog Devices

LTC2953CDD-1 Datasheet PDF - Analog Devices
Part # LTC2953CDD-1
Download  LTC2953CDD-1 Download
File Size   715.05 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1099 PUSH BUTTON ON/OFF CONTROLLER WITH BATTERY AND SUPPLY MONITORING

LTC2953CDD-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2953CDD-1 Datasheet PDF - Analog Devices

Part # LTC2953CDD-1
Download  LTC2953CDD-1 Click to download

File Size   715.05 Kbytes
Page   3 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1099 PUSH BUTTON ON/OFF CONTROLLER WITH BATTERY AND SUPPLY MONITORING

LTC2953CDD-1 Datasheet (HTML) - Analog Devices


LTC2953CDD-1 Product details

DESCRIPTION
Demonstration circuit 1099 features the LTC2953, a
push button On/Off controller that manages system
power via a push button interface. An enable output
toggles system power while an interrupt output provides
debounced push button status. The interrupt
output can be used in menu driven applications to
request a system power down.
The length of time that the push button must be held
low for a power down is configurable with an external
capacitor. The LTC2953 allows a user to force an
immediate power down by tying /INT with /KILL and a
push button turn off.
The LTC2953 also features input and output supply
monitors. An uncommitted power fail comparator
provides real time input monitor threshold information,
while a de-glitched under voltage lockout comparator
gracefully initiates a system power down.
The under voltage lockout comparator prevents from
powering from a bad battery.
The adjustable supply monitor input is compared
against an accurate internal 0.5V reference. The reset
output remains low until the supply monitor input has
been in compliance for 200ms.
The DC1099 accepts voltages of 2.7V to 27V over the
operating range of the LTC2953 input voltage. The
LTC2953 draws only 12uA of current. Reverse polarity
protection is provided with RPP and CPP on the
DC1099. Two versions of the part accommodate either
positive or negative enable polarities. For the
DC1099, the LTC2953-1 with Enable active high is
shown.
On the DC1099, an LT3010 is used to demonstrate a
supply with its shutdown pin driven by the enable of
the LTC2953.
Design files for this circuit board are available. Call
the LTC factory.




Similar Part No. - LTC2953CDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2953CDD-1-PBF LINER-LTC2953CDD-1-PBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
LTC2953CDD-1-TRPBF LINER-LTC2953CDD-1-TRPBF Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
More results


Similar Description - LTC2953CDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
Push Button On/Off Controller
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
Push Button On/Off Controller
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com