Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4440 Datasheet (PDF) - Analog Devices

LTC4440 Datasheet PDF - Analog Devices
Part # LTC4440
Download  LTC4440 Download
File Size   223.28 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Full Bridge Converter

LTC4440 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4440 Datasheet PDF - Analog Devices

Part # LTC4440
Download  LTC4440 Click to download

File Size   223.28 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Full Bridge Converter

LTC4440 Datasheet (HTML) - Analog Devices


LTC4440 Product details

DESCRIPTION
Demonstration circuit 607 is an Isolated Full Bridge
Converter featuring the LTC3722, LTC4440,
LTC3901, and LT1431. This circuit was designed to
demonstrate the phase-shifted full bridge power
supply to generate 12V at 35A from a typical telecom
input voltage range of 36 to 72V. Isolation voltage
is 1500VDC. Fixed zero-voltage transition timing
was chosen because of the relatively fast bridge
leg transition times with 48V input. The DC607A
PCB layout includes options to implement adaptive
timing.




Similar Part No. - LTC4440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
212Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4440 LINER-LTC4440 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440 AD-LTC4440 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
More results


Similar Description - LTC4440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9930 STMICROELECTRONICS-L9930 Datasheet
103Kb / 12P
DUAL FULL BRIDGE
Oct-1996
logo
Bourns Electronic Solut...
SC5A BOURNS-SC5A Datasheet
155Kb / 2P
5-amp, full-featured, non-isolated DC-DC converter
SD10A BOURNS-SD10A Datasheet
81Kb / 2P
full-featured, dual output, non-isolated DC-DC converter
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
Half-bridge and full-bridge topologies
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
ON Semiconductor
NMLU1210 ONSEMI-NMLU1210 Datasheet
152Kb / 6P
Full Bridge Rectifier
December, 2011 ??Rev. 0
NSR1030QMUTAG ONSEMI-NSR1030QMUTAG Datasheet
76Kb / 4P
Schottky Full Bridge
September, 2015 ??Rev. 0
NSR2030QMUTAG ONSEMI-NSR2030QMUTAG Datasheet
76Kb / 4P
Schottky Full Bridge
September, 2015 ??Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com