Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4060 Datasheet (PDF) - Analog Devices

LTC4060 Datasheet PDF - Analog Devices
Part # LTC4060
Download  LTC4060 Download
File Size   655.4 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 783 NIMH/NICD CHARGER

LTC4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4060 Datasheet PDF - Analog Devices

Part # LTC4060
Download  LTC4060 Click to download

File Size   655.4 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 783 NIMH/NICD CHARGER

LTC4060 Datasheet (HTML) - Analog Devices


LTC4060 Product details

DESCRIPTION
Demonstration circuit 783 is a complete Fast Battery
Charger capable of charging 1, 2, 3 or 4 series connected
NiMH or NiCd cells. Charge termination includes
-V, peak voltage and a safety timer. Included
on the board are jumpers to select NTC thermistor
functions, battery chemistry, number of series cells,
safety timer length, recharge voltage and two LEDs
to indicate charger status. A power path FET is also
included that provides a low loss path between the
battery and an external system load when the input
power is removed. Terminals are included for PAUSE
and SHUTDOWN.
The power portion of the circuit consists of a PNP
power transistor constant current source which can
provide up to 2A of charge current under some conditions.
Jumpers are provided for programming
charge currents of 0.5A, 1A or 2A. Other charge currents
can be programmed by adding an external resistor
to the “PROG” terminal post. Charge current
greater than 2A can also be programmed by paralleling
an external current sense resistor (R5) with the
internal LTC4060 sense resistor). See “Extending
Charge Current” section of the data sheet for more
information. For more power dissipation capability
than the pc board can provide, terminals are included
for adding an external PNP pass transistor
mounted on a suitable heat sink.
Also included on this board is a power path MOSFET
that provides a low resistance path between the battery
and a load (SYSTEM LOAD) when the input
power is removed. When the input voltage is present,
the load is powered from the input voltage.
The pc board used for this demo circuit is a 4 layer
board with generous amounts of copper surrounding
the heat producing components. It also includes vias
to internal copper layers to maximize the power
dissipation capabilities. Since this is a linear charger,
under some conditions, the power dissipated by the
charger can be high. To minimize power dissipation,
close attention to the input voltage must be observed.




Similar Part No. - LTC4060

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4060 LINEAR-LTC4060 Datasheet
188Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Integrated Syste...
LTC4060EDHC LINEAR-LTC4060EDHC Datasheet
188Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
LTC4060EFE LINEAR-LTC4060EFE Datasheet
188Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
More results


Similar Description - LTC4060

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4060 LINEAR-LTC4060 Datasheet
188Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
02-Mar-2009
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com