Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4110 Datasheet (PDF) - Analog Devices

LTC4110 Datasheet PDF - Analog Devices
Part # LTC4110
Download  LTC4110 Download
File Size   516.83 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1259A BATTERY BACKUP MANAGER BOARD

LTC4110 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4110 Datasheet PDF - Analog Devices

Part # LTC4110
Download  LTC4110 Click to download

File Size   516.83 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1259A BATTERY BACKUP MANAGER BOARD

LTC4110 Datasheet (HTML) - Analog Devices


LTC4110 Product details

DESCRIPTION
Demonstration circuit DC1259A is a single-battery battery-
backup controller featuring the LTC4110. The
LTC4110 controller provides all the features and functions
to offer a complete standalone battery-backup system.
The LTC4110 is scalable with other LTC4110s to
allow a larger battery array for increased capacity and/or
redundancy.
A SMBus interface is offered to allow host communications
in control and status and/or support Smart Batteries.
However, no host is required to use the LTC4110.
An on-board LTC1694 SMBus accelerator is used to
provide 3.3V pull-up power and fast rise times of the
bus for maximum speed and reliability.
From the factory, the DC1259A is configured for a 12.6V
Li-ion Smart Battery in charge and discharge. The battery
is connected to the BAT terminal. However, the Demoboard
can be easily configured for a Standard Battery
as well. Set JP1 to INT to allow batteries without a
thermistor pin to be charged.
Note: If you use a standard battery, it is strongly recommended
you have the final production version of the
battery provide an extra pin to support the
NTC/thermistor pin. This will allow the LTC4110 to:
1) Detect the physical presence of the battery and optionally
report it to a host.
2) Start a complete charge cycle from the beginning including
safe recovery of an over-discharged battery.
3) Allow the battery terminals to be 0V when no battery
is present.
All the pin does inside the battery is connect a 300 ohm
resistor (Li-ion) or a 10K NTC to Battery (B-) per the
Smart Battery Standards. For more information, contact
the factory.
Smart Batteries offer an integrated, high-accuracy gas
gauge report allowing the host system to know exactly
the state of charge of the battery at all times. Smart Batteries
are the battery packs found on all mainstream
notebooks made today. If you wish to try an industry
standard Smart Battery that plugs-and-plays with the
Demoboard, we recommend you contact Inspired Energy:
http://www.inspired-energy.com/
If the battery you’re using is not 12.6V Li-ion, the Demoboard
provides jumper options to support other
chemistries and cell stack voltages. Consult the Schematic
and Datasheet for more information.
Power input is connected to the DCIN terminal. The
recommended input power is 12V± 5% at 1.4A minimum
up to 7A maximum as required to power the load.
To successfully perform a calibration test, a 1.7A load
on the VSYS or DCOUT terminals must be connected
and turned on.
The battery backed load is to be connected to the
DCOUT terminal. The VSYS terminal is optional and intended
for loads that are NOT battery backed up. Why a
VSYS connection? R1 exist as part of the Calibration
protection system that looks for insufficient load current
to support calibration safely. See datasheet for more
information.
The Calibration feature of the LTC4110 allows one to test
load the battery without generating any heat. The Flyback
converter is used in reverse as a current source
dumping current back into the DCIN supply. The DCIN
supply simply sees a reduction in load current.
The 3 GPIO pins are initially defined to be STATUS pins
on power up. JP4 can be used to change them to be Hi-
Z state on power up until programmed by the host.
The optional DC1223A-B SMBUS to USB port adapter
along with the associated “QuickEval” software is used
to automatically download IDs over the internet to program
the LTC4110. The software will allow one to control,
monitor and data-log the system and battery status
for demonstration purposes only. You DO NOT need this
software to run the DC1259A. Contact your LT representative
for ordering a DC1223A-B.




Similar Part No. - LTC4110

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Analog Devices
LTC4110 AD-LTC4110 Datasheet
965Kb / 26P
2.5A Supercapacitor Backup Power Manager
01/19-REV.A
logo
Linear Technology
LTC4110EUHF LINER-LTC4110EUHF Datasheet
445Kb / 52P
Battery Backup System Manager
LTC4110EUHF-PBF LINER-LTC4110EUHF-PBF Datasheet
445Kb / 52P
Battery Backup System Manager
LTC4110EUHF-TR LINER-LTC4110EUHF-TR Datasheet
445Kb / 52P
Battery Backup System Manager
More results


Similar Description - LTC4110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
02-Mar-2009
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
logo
Connor-Winfield Corpora...
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
Eval Board Quick Start Guide
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com