Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA58637 Datasheet (PDF) - NXP Semiconductors

SA58637 Datasheet PDF - NXP Semiconductors
Part # SA58637
Download  SA58637 Download
File Size   155.74 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2 X 2.2 W BTL audio amplifier

SA58637 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58637 Datasheet PDF - NXP Semiconductors

Part # SA58637
Download  SA58637 Click to download

File Size   155.74 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2 X 2.2 W BTL audio amplifier

SA58637 Datasheet (HTML) - NXP Semiconductors


SA58637 Product details

General description

The SA58637 is a two-channel audio amplifier in an HVQFN20 package. It provides power output of 2.2 W per channel with an 8 Ω load at 9 V supply. The internal circuit is comprised of two Bridge-Tied Load (BTL) amplifiers with a complementary PNP-NPN output stage and standby/mute logic. The SA58637 is housed in a 20-pin HVQFN package, which has an exposed die attach paddle enabling reduced thermal resistance

and increased power dissipation.



Features

■ Low junction-to-ambient thermal resistance using exposed die attach paddle

■ Gain can be fixed with external resistors from 6 dB to 30 dB

■ Standby mode controlled by CMOS-compatible levels

■ Low standby current < 10 µA

■ No switch-on/switch-off plops

■ High power supply ripple rejection: 50 dB minimum

■ ElectroStatic Discharge (ESD) protection

■ Output short circuit to ground protection

■ Thermal shutdown protection



Applications

■ Professional and amateur mobile radio

■ Portable consumer products: toys and games

■ Personal computer remote speakers




Similar Part No. - SA58637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results


Similar Description - SA58637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
2 x 3 W stereo BTL audio output amplifier
May 1992
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
2 x 0.7 W BTL audio amplifier
1998 Mar 25
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
2 W BTL audio amplifier
1997 Jun 12
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com