Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1553B Datasheet (PDF) - Hammond Manufacturing Ltd.

1553B Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1553B
Download  1553B Download
File Size   853.42 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments

1553B Datasheet (PDF)

Go To PDF Page Download Datasheet
1553B Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1553B
Download  1553B Click to download

File Size   853.42 Kbytes
Page   4 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments

1553B Datasheet (HTML) - Hammond Manufacturing Ltd.


1553B Product details

Key Features:
Ergonomically designed for hand-held comfort.
Choice of five sizes and six color combinations.
All sizes except 1553A available with or without battery compartment.
Molded in general purpose ABS plastic with a soft, plastic overmold for comfortable grip.
Top cover is recessed for membrane display or keypad.
P.C. board standoffs are molded into case (see drawings or photos for more details).
Includes removable front panel (for easy modifications) and assembly hardware (except
for smallest 1553A units).
Battery door & compartment version includes 4 battery clips (for 2 - AA batteries) and a 9
volt (PP3) battery clip.
Gray 1553 series enclosures include nickel plated screws. All other colors use black
screws. Refer to product datasheets for correct part numbers.
P.C. Board mounting screws are not included. Order part number 1593ATS50 (pack of
50) or 1593ATS100 (pack of 100).
For similar enclosures designed for water-tight applications, try series 1553W




Similar Part No. - 1553B

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1553B HAMMOND-1553B Datasheet
355Kb / 1P
Enclosure m olded from GP ABS (UL94-HB) plastic.
logo
BusBoard Prototype Syst...
1553B BUSBOARD-1553B Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Actel Corporation
1553BBC-AN ACTEL-1553BBC-AN Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
1553BBC-AR ACTEL-1553BBC-AR Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
1553BBC-EV ACTEL-1553BBC-EV Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
More results


Similar Description - 1553B

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HP-3660-B BUD-HP-3660-B Datasheet
225Kb / 2P
HAND HELD PLASTIC STYLE 3
HP-3650-B BUD-HP-3650-B Datasheet
179Kb / 2P
HAND HELD PLASTIC STYLE 2
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
Bud Industries, Inc.
HP-3649-B BUD-HP-3649-B Datasheet
47Kb / 1P
HAND-HELD PLASTIC BOX (STYLE 1)
logo
SICK AG
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com