Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-545P8 Datasheet (PDF) - Agilent(Hewlett-Packard)

MGA-545P8 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MGA-545P8
Download  MGA-545P8 Download
File Size   190.78 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1-7 GHz Medium Power Amplifier

MGA-545P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGA-545P8 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MGA-545P8
Download  MGA-545P8 Click to download

File Size   190.78 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1-7 GHz Medium Power Amplifier

MGA-545P8 Datasheet (HTML) - Agilent(Hewlett-Packard)


MGA-545P8 Product details

Description

Agilent’s MGA-545P8 is an economical, low current, medium power, easy-to-use GaAs MMIC amplifier that offers excellent power output at 5.8 GHz. Although optimized for 5.8 GHz applications, the MGA-545P8 is suitable for other applications in the 1 to 7 GHz frequency range.

With the addition of a simple input match, the MGA-545P8 offers a small signal gain of 11.5 dB, a saturated power output of 22 dBm and a saturated gain of 9.5 dB at 5.8 GHz. The MGA-545P8 has a nominal current consumption of 92 mA in saturated mode and 135 mA in linear mode at a device voltage of 3.3 V with power added efficiency of 46% in saturated mode.



Features

• Unconditionally stable

• Single +3.3 V operation

• Small package size – 2.0 x 2.0 x 0.75 mm3

• Point MTTF > 300 years [2]

• MSL-1 and Pb-free and Halogen-free

• Tape-and-reel packaging option available



Applications

The MGA-545P8 is ideal for use as driver amplifier or power amplifier in:

• 3-4 GHz fixed wireless access (WLL)

• 5-6 GHz fixed wireless access (HiperLAN/UNII)

• 5-6 GHz WLAN 802.11a NIC and AP

• Other applications in the 1-7 GHz frequency range



Specifications

• 3.3 V, 92 mA, 5.825 GHz at saturation mode

• 22 dBm saturated power across 1-7 GHz

• 9.5 dB gain

• 46% PAE

• 3.3 V, 135 mA, 5.825 GHz at linear mode

• 11.5 dB small signal gain

• Pout = 16 dBm at 5.6% EVM

• 34 dBm OIP3 at 2.7 V



 




Similar Part No. - MGA-545P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-545P8 AVAGO-MGA-545P8 Datasheet
117Kb / 9P
50 MHz to 7 GHz Medium Power Amplifier
More results


Similar Description - MGA-545P8

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A Datasheet
291Kb / 8P
7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG Datasheet
518Kb / 14P
7-20GHz Medium Power Amplifier
CHA5051 UMS-CHA5051 Datasheet
821Kb / 14P
7-16GHz Medium Power Amplifier
CHA5051-QDG UMS-CHA5051-QDG Datasheet
642Kb / 10P
7-16GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC441LH5 HITTITE-HMC441LH5_09 Datasheet
216Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 7 - 15.5 GHz
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-545P8 AVAGO-MGA-545P8 Datasheet
117Kb / 9P
50 MHz to 7 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA3667A UMS-CHA3667A_15 Datasheet
160Kb / 8P
7-20GHz Medium Power Amplifier
CHA3667AQDG UMS-CHA3667AQDG_15 Datasheet
357Kb / 16P
7-20GHz Medium Power Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com