Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.05.511.359/0200 Datasheet (PDF) - Xymox Technologies, Inc.

5.05.511.359/0200 Datasheet PDF - Xymox Technologies, Inc.
Part # 5.05.511.359/0200
Download  5.05.511.359/0200 Download
File Size   195.27 Kbytes
Page   6 Pages
Manufacturer  RAFI [Xymox Technologies, Inc.]
Direct Link  https://www.rafi-group.com/en/
Logo RAFI - Xymox Technologies, Inc.
Description Contact blocks with quick-connect terminals

5.05.511.359/0200 Datasheet (PDF)

Go To PDF Page Download Datasheet
5.05.511.359/0200 Datasheet PDF - Xymox Technologies, Inc.

Part # 5.05.511.359/0200
Download  5.05.511.359/0200 Click to download

File Size   195.27 Kbytes
Page   6 Pages
Manufacturer  RAFI [Xymox Technologies, Inc.]
Direct Link  https://www.rafi-group.com/en/
Logo RAFI - Xymox Technologies, Inc.
Description Contact blocks with quick-connect terminals

5.05.511.359/0200 Datasheet (HTML) - Xymox Technologies, Inc.


5.05.511.359/0200 Product details


• Depth behind panel only 27 mm including LED-Clip
and cable lugs
• Quick-connect/solder terminals 2.8 x 0.8 mm
• The contact block engages permanently with the
actuator only at the time of final assembly
• Compatible with all RAFIX 22 FS actuators:
Pushbuttons, selector switches, keylock switches, emergency
stop buttons and signal indicators, with all advantages
this series offers:
- Large actuating and indicating areas
- Round or square collar shape
- Panel cut-out to IEC 60947: 22.3 mm with locating
indent
- Degree of protection IP 65 (water-jet proof)
• Protection against contact for quick-connect terminals
and cable lugs: Short-circuit proof even when the
connection cables are under tensile strain
Essential features
• Gold contacts for 100% reliable switching of low
voltage (min. 5 V / 1 mA) or
• Silver contacts (max. 250 V/4 A) for mains voltage
• Contact arrangements: 1 NC, 1 NO, 2 NC, 2 NO,
1 NC + 1 NO
• Illumination with replaceable superbright LED-Clips
in various LED colours, with quick-connect terminals
2.8 x 0.8 mm
• Actuators / contact blocks, signal indicators / lamp
sockets and LED-Clips are stocked separately and
only assembled at final assembly. This ensures
utmost flexibility and most economic stockkeeping
for this product range.




Similar Part No. - 5.05.511.359/0200

ManufacturerPart #DatasheetDescription
logo
Xymox Technologies, Inc...
5.05.511.470/2200 RAFI-5.05.511.470/2200 Datasheet
1Mb / 16P
MICON 5 Short-travel Keyswitches and Accessories
2013/02/21
5.05.511.470/2300 RAFI-5.05.511.470/2300 Datasheet
1Mb / 16P
MICON 5 Short-travel Keyswitches and Accessories
2013/02/21
5.05.511.470/2400 RAFI-5.05.511.470/2400 Datasheet
1Mb / 16P
MICON 5 Short-travel Keyswitches and Accessories
2013/02/21
5.05.511.470/2500 RAFI-5.05.511.470/2500 Datasheet
1Mb / 16P
MICON 5 Short-travel Keyswitches and Accessories
2013/02/21
5.05.511.470/2600 RAFI-5.05.511.470/2600 Datasheet
1Mb / 16P
MICON 5 Short-travel Keyswitches and Accessories
2013/02/21
More results


Similar Description - 5.05.511.359/0200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KP448 MICROSEMI-KP448 Datasheet
106Kb / 2P
QUICK CONNECT RECTIFIER
logo
Advanced Technical Mate...
OD-28HQ ATM-OD-28HQ Datasheet
129Kb / 1P
WR28 QUICK CONNECT
logo
Cooper Bussmann, Inc.
NTQ23 COOPER-NTQ23 Datasheet
78Kb / 1P
Quick Connect Terminal Blocks
11675-2 COOPER-11675-2 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
logo
PowerDynamics, Inc
42R02-2XXX POWERDYNAMICS-42R02-2XXX Datasheet
44Kb / 1P
IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; CROSS FLANGE
42R02-5XXX POWERDYNAMICS-42R02-5XXX Datasheet
44Kb / 1P
IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; BOTTOM FLANGE
42R02-6XXX POWERDYNAMICS-42R02-6XXX Datasheet
44Kb / 1P
IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; BOTTOM FLANGE
42R02-8XXX POWERDYNAMICS-42R02-8XXX Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE
logo
Grayhill, Inc
29-104 GRAYHILL-29-104 Datasheet
75Kb / 1P
Quick Connect/Disconnect
logo
TE Connectivity Ltd
T9E TEC-T9E Datasheet
655Kb / 3P
PCB and PCB/quick connect terminals
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com