Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3748 Datasheet (PDF) - Analog Devices

LT3748 Datasheet PDF - Analog Devices
Part # LT3748
Download  LT3748 Download
File Size   245.51 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT3748 100V Isolated Flyback Converter

LT3748 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3748 Datasheet PDF - Analog Devices

Part # LT3748
Download  LT3748 Click to download

File Size   245.51 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT3748 100V Isolated Flyback Converter

LT3748 Datasheet (HTML) - Analog Devices


LT3748 Product details

DESCRIPTION
Demonstration circuit 1694B is an isolated flyback converter
featuring the LT®3748. The demo circuit is designed
for a 12V output from a 22V to 75V DC input. The output
current is up to 2.5A. The part senses the isolated output
voltage directly from the primary side flyback waveform
during the off time of the power switch. No third winding,
opto-coupler, or signal transformer is required for regulation.
A minimum load of approximately 2% of maximum
load is required on the output to maintain regulation.
The demo circuit can be easily modified for applications
of different input, and output voltage/current, with some
pre-designed transformers from vendors such as Würth
Electronics, Sumida, Pulse Engineering and Coilcraft. Both
EP13 and EFD20 core transformers can be assembled on
the board. A two-stage filter is optional for applications
requiring very small output ripple.
The LT3748 is a high input voltage isolated flyback controller
operating with input supply voltages from 5V to
100V, and 1.9A average gate drive source and sink current.
The LT3748 utilizes boundary mode operation to provide
a high efficiency, small size solution with improved load
regulation of ±5% over the full line, load and temperature
ranges. The LT3748 can be used in a wide variety of industrial,
automotive, medical, telecom, data-com applications,
where regulated isolated output is required.
The LT3748 data sheet gives a complete description of
the part, operation and application information. The data
sheet must be read in conjunction with this quick start
guide for Demo Circuit 1694B.




Similar Part No. - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
290Kb / 30P
100V Isolated Flyback Controller
LT3748 LINER-LT3748 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3748 LINER-LT3748 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3748 LINER-LT3748 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results


Similar Description - LT3748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3748 LINER-LT3748 Datasheet
386Kb / 28P
100V Isolated Flyback Controller
LT3748 LINER-LT3748_1 Datasheet
290Kb / 30P
100V Isolated Flyback Controller
LT3748 LINER-LT3748_15 Datasheet
534Kb / 34P
100V Isolated Flyback Controller
logo
Sumida Corporation
10393-T029 SUMIDA-10393-T029 Datasheet
451Kb / 2P
Boundary Mode Flyback Transformer for 100V Isolated Flyback Controller of Linear
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Rohm
BD7F100HFN-LB ROHM-BD7F100HFN-LB Datasheet
2Mb / 32P
Optocoupler-less Isolated Flyback Converter
BD7F200HFN-LB ROHM-BD7F200HFN-LB Datasheet
1Mb / 31P
Optocoupler-less Isolated Flyback Converter
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
Offline Isolated Flyback Converter
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com