Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3644 Datasheet (PDF) - Analog Devices

LTC3644 Datasheet PDF - Analog Devices
Part # LTC3644
Download  LTC3644 Download
File Size   993.62 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3644 Quad 17V, 1.25A Synchronous Step-Down Regulator with Ultralow Quiescent Current

LTC3644 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3644 Datasheet PDF - Analog Devices

Part # LTC3644
Download  LTC3644 Click to download

File Size   993.62 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC3644 Quad 17V, 1.25A Synchronous Step-Down Regulator with Ultralow Quiescent Current

LTC3644 Datasheet (HTML) - Analog Devices


LTC3644 Product details

DESCRIPTION
Demonstration circuit 2383A-A features the LTC®3644: the
wide input and output voltage range, high efficiency and
power density, quad 1.25A outputs DC/DC synchronous
step-down monolithic regulator. The input voltage range
of DC2383A-A is 2.7V to 17V. The default demo board
setting of VOUT1, VOUT2, VOUT3, VOUT4 is 1.2V, 3.3V, 2.5V
and 1.8V at 1.25A maximum DC output current per channel.
There are two assembly versions. The DC2383A-A
features LTC3644 which operates at an internally fixed
frequency of 1MHz (Typ), while the DC2383A-B features
LTC3644-2 which operates at an internally fixed frequency
of 2.25MHz (Typ). Peak current limit is internally fixed at
2.2A typical per channel. Each channel comes with independent
run pin control and power good indicators. Phase
shift selection of either 0 degree or 180 degrees between
switch rising edge of channels 1, 2 and channels 3, 4 is
also available.
DC2383A-A provides optional onboard 0Ω jumpers to
configure the LTC3644 as 4-phase dual 2.5A/2.5A outputs
or 4-phase triple 2.5A/1.25A/1.25A outputs. Optional 0Ω
jumpers connecting VIN1 to VIN2, VIN3, VIN4 are available
for users to operate selected channels of LTC3644 at different
input voltages than VIN1.
A user-selectable MODE/SYNC input is provided to allow
users to trade off ripple noise for light load efficiency:
pulse-skipping mode (PS) or Burst Mode® operation delivers
higher efficiency at light load while forced continuous
conduction mode (FCM) is preferred for noise sensitive
applications. The MODE/SYNC pin can also be used to
synchronize the switching frequency to an external clock
or set the phase shift between channels 1, 2 and channels
3, 4. Constant frequency, peak current mode control
architecture and integrated internal control loop compensation
network, allows very fast transient response to line
and load changes while maintaining loop stability.
The LTC3644 is available in a thermally enhanced, low
profile 36-lead 5mm × 5mm BGA package.
It is recommended to read the data sheet and demo manual
of LTC3644 prior to using or making any changes to
DC2383A-A.




Similar Part No. - LTC3644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3644-2 AD-LTC3644-2 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3644EY#PBF AD-LTC3644EY#PBF Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3644EY-2#PBF AD-LTC3644EY-2#PBF Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3644IY#PBF AD-LTC3644IY#PBF Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Similar Description - LTC3644

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Analog Devices
LTC3644 AD-LTC3644 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com