Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4368CMS-1 Datasheet (PDF) - Analog Devices

LTC4368CMS-1 Datasheet PDF - Analog Devices
Part # LTC4368CMS-1
Download  LTC4368CMS-1 Download
File Size   313.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC4368 100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker

LTC4368CMS-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4368CMS-1 Datasheet PDF - Analog Devices

Part # LTC4368CMS-1
Download  LTC4368CMS-1 Click to download

File Size   313.34 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LTC4368 100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker

LTC4368CMS-1 Datasheet (HTML) - Analog Devices


LTC4368CMS-1 Product details

DESCRIPTION
Demonstration circuit 2418A is intended to demonstrate
the performance of the LTC®4368 100V undervoltage (UV),
overvoltage (OV), and reverse protection controller with
bidirectional circuit breaker.
The LTC4368 protects circuits from overcurrent in both
directions and from input voltages that may be too high,
too low, or negative. The LTC4368 controls the gate voltage
of two back-to-back connected external MOSFETs to
ensure that the load is connected to the input supply only
when there are no voltage or current faults. The OV and
UV protection levels are adjusted by resistive dividers at
the OV and UV pins, respectively. Asserting a low signal
at the SHDN pin disables the MOSFETs and places the
controller in a low-current shutdown state. The FAULT pin
is asserted when the controller is in shutdown mode or
when the input voltage is outside of the UV or OV window,
or the load current exceeds the protection level, or the
input voltage is below undervoltage lockout (1.8V to 2.4V).
After a forward overcurrent fault, the LTC4368 will either
latch off power or retry after a user adjustable delay. A
reverse overcurrent fault waits for the output to fall 100mV
below the input to reconnect power to the load.
The LTC4368 can withstand DC voltages between –40V
and 100V and has an operating range of 2.5V to 60V.
The DC2418A includes the LTC4368 controller, two backto-
back connected power MOSFETs, current sense resistor,
three jumpers, and three LEDs to indicate the input and
output voltages and the FAULT pin signal.




Similar Part No. - LTC4368CMS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4368CMS-1#PBF AD-LTC4368CMS-1#PBF Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
More results


Similar Description - LTC4368CMS-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
OV, OC, UV, short circuit and thermal protection
logo
Linear Technology
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Maxim Integrated Produc...
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
logo
Analog Devices
LT8228 AD-LT8228 Datasheet
3Mb / 68P
Bidirectional Synchronous 100V Buck/Boost Controller with Reverse Supply, Reverse Current and Fault Protection
LTC4368 AD-LTC4368 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
logo
Maxim Integrated Produc...
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com