Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXC.24.B Datasheet (PDF) - Taoglas antenna solutions

FXC.24.B Datasheet PDF - Taoglas antenna solutions
Part # FXC.24.B
Download  FXC.24.B Download
File Size   1795.14 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.24.B Series

FXC.24.B Datasheet (PDF)

Go To PDF Page Download Datasheet
FXC.24.B Datasheet PDF - Taoglas antenna solutions

Part # FXC.24.B
Download  FXC.24.B Click to download

File Size   1795.14 Kbytes
Page   14 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description FXC.24.B Series

FXC.24.B Datasheet (HTML) - Taoglas antenna solutions


FXC.24.B Product details

Description:
NFC Flex Antenna (⌀24*0.3mm) with a Reverse Ferrite Layer and adhesive backing

Features:
13.56 MHz Antenna
Reverse Ferrite Layer
Flexible Low Profile Embedded
Dimensions:
•Diameter: 24mm
•FXC.24.B.dg - NFC with ferrite
•FXC.24.52.0075X.B.dg - NFC with ferrite and 75mm Twisted Pair 28AWG cable with ACH(F) connector
Peel and stick 3M adhesive
RoHS & Reach Compliant




Similar Part No. - FXC.24.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.24.52.0075X.A.DG TAOGLAS-FXC.24.52.0075X.A.DG Datasheet
1Mb / 15P
FXC.24 Series
Revision: A 2022-09-01
FXC.24.A TAOGLAS-FXC.24.A Datasheet
1Mb / 15P
FXC.24 Series
Revision: A 2022-09-01
FXC.24.A.DG TAOGLAS-FXC.24.A.DG Datasheet
1Mb / 15P
FXC.24 Series
Revision: A 2022-09-01
More results


Similar Description - FXC.24.B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771927 PHOENIX-1771927 Datasheet
106Kb / 3P
HC-B 24-AMQ
1771930 PHOENIX-1771930 Datasheet
106Kb / 3P
HC-B 24-AML
1771943 PHOENIX-1771943 Datasheet
103Kb / 3P
HC-B 24-AMLD
1771956 PHOENIX-1771956 Datasheet
99Kb / 3P
HC-B 24-AFQD
1687914 PHOENIX-1687914 Datasheet
172Kb / 5P
HC-B 24-ESTZ
1687927 PHOENIX-1687927 Datasheet
172Kb / 5P
HC-B 24-EBUZ
1771723 PHOENIX-1771723 Datasheet
161Kb / 6P
HC-B 24-EBUS
1771749 PHOENIX-1771749 Datasheet
160Kb / 6P
HC-B 24-ESTS
1771752 PHOENIX-1771752 Datasheet
167Kb / 6P
HC-B 24-ESTC
logo
HARTING Technology Grou...
09-30-000-9994 HARTING-09-30-000-9994 Datasheet
472Kb / 2P
Han B 24 Gasket
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com