Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC1G08GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G08GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G08GV
Download  74AHC1G08GV Download
File Size   236.03 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate

74AHC1G08GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G08GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G08GV
Download  74AHC1G08GV Click to download

File Size   236.03 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate

74AHC1G08GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC1G08GV Product details

General description
The 74AHC1G08; 74AHCT1G08 is a single 2-input AND gate. Inputs are overvoltage tolerant. This
feature allows the use of these devices as translators in mixed voltage environments.
Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Symmetrical output impedance
• Balanced propagation delays
• Input levels:
• For 74AHC1G08: CMOS level
• For 74AHCT1G08: TTL level
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Specified from -40 °C to +125 °C




Similar Part No. - 74AHC1G08GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G08GV PHILIPS-74AHC1G08GV Datasheet
75Kb / 16P
2-input AND gate
2002 Jun 06
74AHC1G08GV NXP-74AHC1G08GV Datasheet
77Kb / 11P
2-input AND gate
Rev. 06-29 June 2007
74AHC1G08GV NXP-74AHC1G08GV Datasheet
63Kb / 6P
2-input AND gate
B.V. 2007
logo
Nexperia B.V. All right...
74AHC1G08GV NEXPERIA-74AHC1G08GV Datasheet
210Kb / 11P
2-input AND gate
Rev. 8 - 11 January 2022
74AHC1G08GV NEXPERIA-74AHC1G08GV Datasheet
139Kb / 12P
2-input AND gate
Rev. 7 18 November 2014
More results


Similar Description - 74AHC1G08GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com