Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125 Datasheet (PDF) - Nexperia B.V. All rights reserved

125 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 125
Download  125 Download
File Size   198.24 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverting Schmitt trigger

125 Datasheet (PDF)

Go To PDF Page Download Datasheet
125 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 125
Download  125 Click to download

File Size   198.24 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverting Schmitt trigger

125 Datasheet (HTML) - Nexperia B.V. All rights reserved


125 Product details

General description
74AHC1G14 and 74AHCT1G14 are high-speed Si-gate CMOS devices. They provide an
inverting buffer function with Schmitt trigger action. These devices are capable of
transforming slowly changing input signals into sharply defined, jitter-free output signals.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
Features and benefits
 Symmetrical output impedance
 High noise immunity
 ESD protection:
 HBM JESD22-A114E: exceeds 2000 V
 MM JESD22-A115-A: exceeds 200 V
 CDM JESD22-C101C: exceeds 1000 V
 Low power dissipation
 Balanced propagation delays
 SOT353-1 and SOT753 package options
 Specified from 40 C to +125 C
Applications
 Wave and pulse shapers
 Astable multivibrators
 Monostable multivibrators




Similar Part No. - 125

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125 CDE-125 Datasheet
805Kb / 5P
The Pace-Setter for Long Life and High Temperature
125 CDE-125 Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
ATTEND Technology Inc.
125 ATTEND-125 Datasheet
466Kb / 6P
MXM 230P Connector, STD, 7.8H, Gold Flash, Black, Reel
2020/04/17
logo
Littelfuse
125 LITTELFUSE-125 Datasheet
648Kb / 2P
Heavy Duty Fuse Clips
07/08/21
125 LITTELFUSE-125 Datasheet
228Kb / 1P
Circuit Board Mount Clips for 10mm (13/32”) Diameter Fuses
12/08/22
More results


Similar Description - 125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
Inverting Schmitt trigger
2002 Jun 06.
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
Inverting Schmitt-trigger
2002 May 15
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
Inverting Schmitt trigger
Rev. 04-17 July 2007
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
Inverting Schmitt trigger
Rev. 7-18 November 2014
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
INVERTING SCHMITT TRIGGER
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 24 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com