Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC244PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC244PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC244PW
Download  74AHC244PW Download
File Size   605.9 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74AHC244PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC244PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC244PW
Download  74AHC244PW Click to download

File Size   605.9 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74AHC244PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC244PW Product details

General description
The 74AHC244; 74AHCT244 is a high-speed Si-gate CMOS device.
The 74AHC244; 74AHCT244 has octal non-inverting buffer/line drivers with 3-state
outputs. The 3-state outputs are controlled by the output enable inputs (nOE). A HIGH on
nOE causes the outputs to assume a high-impedance OFF-state.
Features
Balanced propagation delays
All inputs have a Schmitt-trigger action
Inputs accepts voltages higher than VCC
For 74AHC244 only: operates with CMOS input levels
For 74AHCT244 only: operates with TTL input levels
ESD protection:
HBM JESD22-A114E exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101C exceeds 1000 V
Multiple package options
Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC244PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC244PW PHILIPS-74AHC244PW Datasheet
80Kb / 16P
Octal buffer/line driver; 3-state
1999 Sep 28
74AHC244PW NXP-74AHC244PW Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
74AHC244PW NXP-74AHC244PW Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244PW NEXPERIA-74AHC244PW Datasheet
264Kb / 16P
Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244PW-Q100 NEXPERIA-74AHC244PW-Q100 Datasheet
824Kb / 17P
Octal buffer/line driver; 3-state
More results


Similar Description - 74AHC244PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com