Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84-1201.7. Datasheet (PDF) - EAO AG.

84-1201.7. Datasheet PDF - EAO AG.
Part # 84-1201.7.
Download  84-1201.7. Download
File Size   389.56 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Illuminated pushbutton standard

84-1201.7. Datasheet (PDF)

Go To PDF Page Download Datasheet
84-1201.7. Datasheet PDF - EAO AG.

Part # 84-1201.7.
Download  84-1201.7. Click to download

File Size   389.56 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Illuminated pushbutton standard

84-1201.7. Datasheet (HTML) - EAO AG.


84-1201.7. Product details

Mounting
Mounting cut-out Ø 22.5 mm
Design flush
Front
Front ring material Aluminium
Front dimension Ø 25 mm
Front shape round
Front ring colour natural anodized
Other Attributes
Weight 0.008 kg
IP-Rating
Front protection IP67
Actuator
Switching action Momentary
Function
Illuminated pushbutton




Similar Part No. - 84-1201.7.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
84-1201.7 EAO-84-1201.7 Datasheet
1Mb / 50P
Devices raised mounting
05.2009
84-1201.7 EAO-84-1201.7 Datasheet
5Mb / 13P
22.5 mm IP67 42 V 100 mA E-stop: IP65 3 A 250 VAC
More results


Similar Description - 84-1201.7.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AKCUST02 SCHNEIDER-XB5AKCUST02 Datasheet
118Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com