Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1X3WH6 Datasheet (PDF) - PANDUIT CORP.

F1X3WH6 Datasheet PDF - PANDUIT CORP.
Part # F1X3WH6
Download  F1X3WH6 Download
File Size   110.55 Kbytes
Page   3 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Narrow finger, slotted wiring duct.

F1X3WH6 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1X3WH6 Datasheet PDF - PANDUIT CORP.

Part # F1X3WH6
Download  F1X3WH6 Click to download

File Size   110.55 Kbytes
Page   3 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Narrow finger, slotted wiring duct.

F1X3WH6 Datasheet (HTML) - PANDUIT CORP.


F1X3WH6 Product details

l Choose from 29 sizes of PANDUIT® Type F Wiring Duct from 0.5" x 0.5" up to 4.0" x 5.0". Used
for general purpose control panel wiring in communication closets. Ideal for use with high-density
terminal blocks. The non-slip cover conceals all wiring and is easy to install. The duct and cover
form a flush sidewall providing increased capacity and improved aesthetics.
l Specifications
• Made of lead-free PVC
• UL Recognized continuous use temperature: 122°F (50°C)
• UL94 Flammability Rating of V-0
• Conforms with NFPA 79-2002 section 14.3.1 requirement for flame retardant material
• Available in Light Gray and White
• Provided with mounting holes
l Features and Benefits
• Narrow finger/slot design allows further fanning of wires for neater wire management in highdensity
control panels
• PANDUIT® exclusive rounded edges protects hands and wiring/cabling from abrasion
• Non-slip cover stays in place during shipment, vibration and when in a vertical orientation,
eliminating rework
• Flush cover design holds 10-12% more wires than traditional duct designs
• Double scoreline allows quick modification for larger cabling bundles saving installation time
leading to a lower installed cost
• Specially formulated lead-free material eliminates health concerns associated with PVC that
contains lead
• Double restricted slot design retains wire in slot for fast, easy wire installation or removal
l Base and cover sold separately.




Similar Part No. - F1X3WH6

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F1X3LG6 PANDUIT-F1X3LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
More results


Similar Description - F1X3WH6

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
SLOTTED RICHCO WIRING DUCT
logo
PANDUIT CORP.
NC1WH6 PANDUIT-NC1WH6 Datasheet
82Kb / 2P
Bench Mount Wiring Duct Cutting Tool
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
logo
Tripp Lite. All Rights ...
SRCABLEDUCT1U TRIPPLITE-SRCABLEDUCT1U Datasheet
471Kb / 2P
SmartRack 1U Horizontal Cable Manager - Finger duct with cover
SRCABLEDUCT1UHD TRIPPLITE-SRCABLEDUCT1UHD Datasheet
480Kb / 2P
SmartRack 1U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEDUCT2UHD TRIPPLITE-SRCABLEDUCT2UHD Datasheet
491Kb / 2P
SmartRack 2U High Capacity Horizontal Cable Manager - Finger duct with dual-hinge cover
SRCABLEVRT3 TRIPPLITE-SRCABLEVRT3 Datasheet
502Kb / 2P
SmartRack 3 in. Wide High Capacity Vertical Cable Manager - Double finger duct
SRCABLEVRT6 TRIPPLITE-SRCABLEVRT6 Datasheet
509Kb / 2P
SmartRack 6 in. Wide High Capacity Vertical Cable Manager - Double finger duct with cover
logo
PANDUIT CORP.
F1X2LG6 PANDUIT-F1X2LG6 Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
SD2EMI PANDUIT-SD2EMI Datasheet
444Kb / 1P
Panduct® PanelMax™ Shielded Wiring Duct
2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com