Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C26 Datasheet (PDF) - PANDUIT CORP.

C26 Datasheet PDF - PANDUIT CORP.
Part # C26
Download  C26 Download
File Size   1349.69 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description 2x2 and 4x4 Fiber-Duct™ Routing System

C26 Datasheet (PDF)

Go To PDF Page Download Datasheet
C26 Datasheet PDF - PANDUIT CORP.

Part # C26
Download  C26 Click to download

File Size   1349.69 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description 2x2 and 4x4 Fiber-Duct™ Routing System

C26 Datasheet (HTML) - PANDUIT CORP.


C26 Product details

The 2x2 and 4x4 routing systems shall be used to route, segregate, and protect
fiber optic and communication cabling. The solid wall routing systems should be
UL Listed as an optical fiber channel for general purpose use. They shall be
compliant with UL 2024A and NEC articles 770 and 800 when installed per
instructions. The slotted wall channel and cover shall be UL Recognized. A
full complement of fittings with a 2" minimum bend radius, snap-on covers, and
mounting brackets shall be available. Channel and fittings shall be manufactured
from impact-resistant and flame retardant (V-0) materials. Channel shall have
non-slip snap-on covers that can be easily removed to allow access for moves,
adds, and changes. Channel and fittings finish shall be pure color, resist
scratches, dents, and not peel or corrode. Available system colors shall be
yellow, orange, black, and light gray. A full complement of brackets shall be
available for attaching system components to ladder rack, threaded rod,
auxiliary framing, equipment racks, and raise floor pedestals.




Similar Part No. - C26

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C26 CRYSTEKCRYSTAL-C26 Datasheet
105Kb / 1P
32.768KHz Tuning Fork Crystal
C26-LF CRYSTEKCRYSTAL-C26-LF Datasheet
105Kb / 1P
32.768KHz Tuning Fork Crystal
C26-SMD CRYSTEKCRYSTAL-C26-SMD Datasheet
51Kb / 1P
32.768KHz Molded SMD
logo
Powerbox
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
700/800 WATTS (AC) DC/D CSINGLE OUTPUT
logo
List of Unclassifed Man...
C2610E ETC-C2610E Datasheet
907Kb / 2P
PRECISION WIRE WOUND RESISTORS
More results


Similar Description - C26

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS2200D0011H OPLINK-OFMS2200D0011H Datasheet
326Kb / 2P
Full 2x2 Optical Fiber Switches
OFMS110M800 OPLINK-OFMS110M800 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS1100D0011H OPLINK-OFMS1100D0011H Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMSFULL-2X2 OPLINK-OFMSFULL-2X2 Datasheet
222Kb / 2P
2x2 Optical Fiber Switches
logo
ATMEL Corporation
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
Routing card
logo
PANDUIT CORP.
FR4X4YL6 PANDUIT-FR4X4YL6 Datasheet
185Kb / 1P
4x4 FiberRunner짰 Routing System Cable Fills for 4x4 FiberRunner
logo
Maxim Integrated Produc...
MAX4754AEVKIT MAXIM-MAX4754AEVKIT Datasheet
94Kb / 4P
Data and Audio Signal Routing
Rev 0; 5/07
logo
Tripp Lite. All Rights ...
SRFC10DROP TRIPPLITE-SRFC10DROP Datasheet
166Kb / 2P
Toolless Trumpet Drop-Out Kit for Fiber Routing System, 240 mm (10 in.)
SRFC5DROP TRIPPLITE-SRFC5DROP Datasheet
168Kb / 2P
Toolless Trumpet Drop-Out Kit for Fiber Routing System, 120 mm (5 in.)
logo
List of Unclassifed Man...
TK-260 ETC-TK-260 Datasheet
1Mb / 1P
FIBER DUCT KIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com