Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST3.0-48-2 Datasheet (PDF) - PANDUIT CORP.

HST3.0-48-2 Datasheet PDF - PANDUIT CORP.
Part # HST3.0-48-2
Download  HST3.0-48-2 Download
File Size   76.0 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Thick Wall Polyolefin Heat Shrink

HST3.0-48-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HST3.0-48-2 Datasheet PDF - PANDUIT CORP.

Part # HST3.0-48-2
Download  HST3.0-48-2 Click to download

File Size   76.0 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Thick Wall Polyolefin Heat Shrink

HST3.0-48-2 Datasheet (HTML) - PANDUIT CORP.


HST3.0-48-2 Product details

• Applications include insulating and protecting wires and cables
• Adhesive-lined inner wall seals and protects against moisture
• Thick wall suitable for direct burial according to UL 486D
and provides excellent protection
• Voltage rating: UL 486D Listed for 600 V 1kV 90°C continuous use
• Shrink ratio: 3:1
• Flammability: Flame retardant outer wall meets UL 224 VW-1
• UL Listed (Except HST3.0), CSA Certified (Except HST3.0)
• Mil Spec: AMS-DTL-23053/15
• Temperature range: -85°F to 230°F (-65°C to 110°C)
• For wet locations
• Suitable for outdoor, direct sunlight applications
• Material: Adhesive lined black and red cross-linked Polyolefin




Similar Part No. - HST3.0-48-2

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST30 YHDC-HST30 Datasheet
4Mb / 1P
Hall split core current sensor
HST30-100A YHDC-HST30-100A Datasheet
4Mb / 1P
Hall split core current sensor
HST30-300A YHDC-HST30-300A Datasheet
4Mb / 1P
Hall split core current sensor
HST35 YHDC-HST35 Datasheet
3Mb / 1P
Hall split core current sensor
More results


Similar Description - HST3.0-48-2

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com