Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8K3 Datasheet (PDF) - Rohm

SP8K3 Datasheet PDF - Rohm
Part # SP8K3
Download  SP8K3 Download
File Size   87.83 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4V Drive NchNch MOS FET

SP8K3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K3 Datasheet PDF - Rohm

Part # SP8K3
Download  SP8K3 Click to download

File Size   87.83 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4V Drive NchNch MOS FET

SP8K3 Datasheet (HTML) - Rohm


SP8K3 Product details

Features
1) Low on-resistance.
2) Built-in G-S Protection Diode.
3) Small surface Mount Package (SOP8).




Similar Part No. - SP8K3

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K3 ROHM-SP8K3 Datasheet
60Kb / 4P
Switching (30V, 7.0A)
logo
VBsemi Electronics Co.,...
SP8K31-TB VBSEMI-SP8K31-TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Rohm
SP8K31FRA ROHM-SP8K31FRA Datasheet
1Mb / 8P
4V Drive NchNch MOSFET
SP8K32 ROHM-SP8K32 Datasheet
98Kb / 5P
4V Drive NchNch MOSFET
Rev3.0
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
60V NchNch Power MOSFET
More results


Similar Description - SP8K3

ManufacturerPart #DatasheetDescription
logo
Rohm
US6K2 ROHM-US6K2 Datasheet
59Kb / 3P
4V Drive NchNch MOS FET
RHP030N03 ROHM-RHP030N03 Datasheet
56Kb / 3P
4V Drive Nch MOS FET
RSS095N05 ROHM-RSS095N05 Datasheet
130Kb / 5P
4V Drive Nch MOS FET
2SK2094 ROHM-2SK2094_1 Datasheet
95Kb / 5P
4V Drive Nch MOS FET
2SK2503 ROHM-2SK2503_1 Datasheet
97Kb / 6P
4V Drive Nch MOS FET
2SK2504 ROHM-2SK2504_1 Datasheet
99Kb / 6P
4V Drive Nch MOS FET
SM6K2 ROHM-SM6K2_1 Datasheet
77Kb / 5P
4V Drive NchNch MOS FET
RSR025N03TL ROHM-RSR025N03TL Datasheet
65Kb / 4P
4V Drive Nch MOS FET
RHK003N06T146 ROHM-RHK003N06T146 Datasheet
61Kb / 3P
4V Drive Nch MOS FET
RHK003N06FRA ROHM-RHK003N06FRA Datasheet
1Mb / 5P
4V Drive Nch MOS FET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com