Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP1T32GM Datasheet (PDF) - Nexperia B.V. All rights reserved

74AXP1T32GM Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AXP1T32GM
Download  74AXP1T32GM Download
File Size   254.39 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply 2-input OR gate

74AXP1T32GM Datasheet (PDF)

Go To PDF Page Download Datasheet
74AXP1T32GM Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AXP1T32GM
Download  74AXP1T32GM Click to download

File Size   254.39 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual supply 2-input OR gate

74AXP1T32GM Datasheet (HTML) - Nexperia B.V. All rights reserved


74AXP1T32GM Product details

General description
The 74AXP1T32 is a dual supply 2-input OR gate. It features two inputs (A, B), an output (Y) and
dual supply pins (VCCI and VCCO). The inputs are referenced to VCCI and the output is referenced
to VCCO. All inputs can be connected directly to VCCI or GND. VCCI can be supplied at any voltage
between 0.7 V and 2.75 V. VCCO can be supplied at any voltage between 1.2 V and 5.5 V. This
feature allows voltage level translation.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device ensures very low static and dynamic power consumption across the entire supply
range and is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
Features and benefits
• Wide supply voltage range:
• VCCI: 0.7 V to 2.75 V
• VCCO: 1.2 V to 5.5 V
• Low input capacitance; CI = 0.6 pF (typical)
• Low output capacitance; CO = 1.8 pF (typical)
• Low dynamic power consumption; CPD = 0.5 pF at VCCI = 1.2 V (typical)
• Low dynamic power consumption; CPD = 7.1 pF at VCCO = 3.3 V (typical)
• Low static power consumption; ICCI = 0.5 μA (85 °C maximum)
• Low static power consumption; ICCO = 1.8 μA (85 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12A.01 (1.1 V to 1.3 V; A, B input)
• JESD8-11A.01 (1.4 V to 1.6 V)
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A.01 (2.3 V to 2.7 V)
• JESD8-C (2.7 V to 3.6 V; Y output)
• JESD12-6 (4.5 V to 5.5 V; Y output)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
• CDM JESD22-C101E exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 2.75 V
• Low noise overshoot and undershoot < 10 % of VCCO
• IOFF circuitry provides partial power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C




Similar Part No. - 74AXP1T32GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1T32GX NEXPERIA-74AXP1T32GX Datasheet
225Kb / 14P
Dual supply 2-input OR gate
More results


Similar Description - 74AXP1T32GM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
RD74VT1G32 RENESAS-RD74VT1G32 Datasheet
2Mb / 8P
2-input OR Gate / Dual Supply Voltage Translator
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
DUAL 2-INPUT OR GATE
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
Dual supply 2-input OR gate
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com