Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet (PDF) - Nexperia B.V. All rights reserved

653 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 653
Download  653 Download
File Size   764.9 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches

653 Datasheet (PDF)

Go To PDF Page Download Datasheet
653 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 653
Download  653 Click to download

File Size   764.9 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder, demultiplexer with address latches

653 Datasheet (HTML) - Nexperia B.V. All rights reserved


653 Product details

General description
The 74HC237 is a high-speed Si-gate CMOS device and is pin compatible with low-power
Schottky TTL (LSTTL). The 74HC237 is specified in compliance with JEDEC
standard no. 7A.
The 74HC237 is a 3-to-8 line decoder, demultiplexer with latches at the three address
inputs (An). The 74HC237 essentially combines the 3-to-8 decoder function with a 3-bit
storage latch. When the latch is enabled (LE = LOW), the 74HC237 acts as a 3-to-8 active
LOW decoder. When the latch enable (LE) goes from LOW-to-HIGH, the last data present
at the inputs before this transition, is stored in the latches. Further address changes are
ignored as long as LE remains HIGH. The output enable input (E1 and E2) controls the
state of the outputs independent of the address inputs or latch operation. All outputs are
HIGH unless E1 is LOW and E2 is HIGH. The 74HC237 is ideally suited for implementing
non-overlapping decoders in 3-state systems and strobes (stored address) applications in
bus-oriented systems.
Features and benefits
 Combines 3-to-8 decoder with 3-bit latch
 Multiple input enable for easy expansion or independent controls
 Active HIGH mutually exclusive outputs
 Low-power dissipation
 ESD protection:
 HBM JESD22-A114F exceeds 2 000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 653

ManufacturerPart #DatasheetDescription
logo
Littelfuse
653 LITTELFUSE-653 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Automatic Timing & Cont...
653 ATC-653 Datasheet
476Kb / 2P
Multi-Function Multi-Range Solid-State
logo
Abbatron All Rights Res...
653 ABBATRON-653 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Nexperia B.V. All right...
653 NEXPERIA-653 Datasheet
181Kb / 15P
Quad 2-input NAND gate
Rev. 7 25 November 2015
653 NEXPERIA-653 Datasheet
171Kb / 16P
Dual 4-input multiplexer
Rev. 6 11 May 2016
More results


Similar Description - 653

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
3-to-8 line decoder/demultiplexer with address latches
December 1990
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com