Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

653 Datasheet (PDF) - Nexperia B.V. All rights reserved

653 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 653
Download  653 Download
File Size   624.15 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual buffer gate

653 Datasheet (PDF)

Go To PDF Page Download Datasheet
653 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 653
Download  653 Click to download

File Size   624.15 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual buffer gate

653 Datasheet (HTML) - Nexperia B.V. All rights reserved


653 Product details

General description
The 74HC2G34; 74HCT2G34 is a high-speed Si-gate CMOS device.
The 74HC2G34; 74HCT2G34 provides two buffers.
Features
Wide supply voltage range from 2.0 V to 6.0 V
Complies with JEDEC standard no. 7A
High noise immunity
ESD protection:
HBM JESD22-A114-D exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
Low power dissipation
Balanced propagation delays
Unlimited input rise and fall times
Multiple package options
Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 653

ManufacturerPart #DatasheetDescription
logo
Littelfuse
653 LITTELFUSE-653 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Automatic Timing & Cont...
653 ATC-653 Datasheet
476Kb / 2P
Multi-Function Multi-Range Solid-State
logo
Abbatron All Rights Res...
653 ABBATRON-653 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Nexperia B.V. All right...
653 NEXPERIA-653 Datasheet
181Kb / 15P
Quad 2-input NAND gate
Rev. 7 25 November 2015
653 NEXPERIA-653 Datasheet
171Kb / 16P
Dual 4-input multiplexer
Rev. 6 11 May 2016
More results


Similar Description - 653

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
DUAL BUFFER GATE
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
DUAL BUFFER GATE
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
Dual buffer gate
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com