Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4017 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4017 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4017
Download  74HC4017 Download
File Size   221.96 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Johnson decade counter with 10 decoded outputs

74HC4017 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4017 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4017
Download  74HC4017 Click to download

File Size   221.96 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Johnson decade counter with 10 decoded outputs

74HC4017 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4017 Product details

General description
The 74HC4017; 74HCT4017 is a 5-stage Johnson decade counter with 10 decoded
outputs (Q0 to Q9), an output from the most significant flip-flop (Q5-9), two clock inputs
(CP0 and CP1) and an overriding asynchronous master reset input (MR). The counter is
advanced by either a LOW-to-HIGH transition at CP0 while CP1 is LOW or a
HIGH-to-LOW transition at CP1 while CP0 is HIGH. When cascading counters, the Q5-9
output, which is LOW while the counter is in states 5, 6, 7, 8 and 9, can be used to drive
the CP0 input of the next counter. A HIGH on MR resets the counter to zero (Q0 = Q5-9 =
HIGH; Q1 to Q9 = LOW) independent of the clock inputs (CP0 and CP1). Automatic code
correction of the counter is provided by an internal circuit: following any illegal code the
counter returns to a proper counting mode within 11 clock pulses. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC.
Features and benefits
 Wide supply voltage range from 2.0 V to 6.0 V
 Input levels:
 For 74HC4017: CMOS level
 For 74HCT4017: TTL level
 Complies with JEDEC standard no. 7 A
 ESD protection:
 HBM JESD22-A114E exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74HC4017

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
Johnson decade counter with 10 decoded outputs
December 1990
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017 NEXPERIA-74HC4017 Datasheet
310Kb / 20P
Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017BQ NXP-74HC4017BQ Datasheet
132Kb / 23P
Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
More results


Similar Description - 74HC4017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
NXP Semiconductors
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
Johnson decade counter with 10 decoded outputs
December 1990
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
DECADE COUNTER WITH 10 DECODED OUTPUTS
Sep-2001
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
Johnson decade counter with 10 decoded outputs
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com