Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

118 Datasheet (PDF) - Nexperia B.V. All rights reserved

118 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 118
Download  118 Download
File Size   198.97 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable monostable multivibrator with reset

118 Datasheet (PDF)

Go To PDF Page Download Datasheet
118 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 118
Download  118 Click to download

File Size   198.97 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable monostable multivibrator with reset

118 Datasheet (HTML) - Nexperia B.V. All rights reserved


118 Product details

General description
The 74HC423 is a dual retriggerable monostable multivibrator with output pulse width
control by two methods. The basic pulse time is programmed by selection of an external
resistor (REXT) and capacitor (CEXT). Once triggered, the basic output pulse width may be
extended by retriggering (nA) or (nB). By repeating this process, the output pulse period
(nQ = HIGH, nQ = LOW) can be made as long as desired. When nRD is LOW, it forces
the nQ output LOW, the nQ output HIGH and also inhibits the triggering. Schmitt-trigger
action in the nA and nB inputs, makes the circuit highly tolerant to slower input rise and fall
times. The '423' is identical to the '123' but cannot be triggered via the reset input. Inputs
include clamp diodes. This enables the use of current limiting resistors to interface inputs
to voltages in excess of VCC.
Features and benefits
 DC triggered from active HIGH or active LOW inputs
 Retriggerable for very long pulses up to 100 % duty factor
 Direct reset terminates output pulse
 Schmitt-trigger action on all inputs except for the reset input
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC423: CMOS level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 118

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
logo
Renesas Technology Corp
118 RENESAS-118 Datasheet
916Kb / 126P
RENESAS MCU
logo
Keystone Electronics Co...
118 KEYSTONE-118 Datasheet
303Kb / 2P
CONTACT ON TAPE AND REEL
6.23.15
logo
Nexperia B.V. All right...
118 NEXPERIA-118 Datasheet
626Kb / 16P
Hex inverting Schmitt trigger
Rev. 05 4 May 2009
118 NEXPERIA-118 Datasheet
605Kb / 16P
Octal buffer/line driver; 3-state
Rev. 05 20 December 2007
More results


Similar Description - 118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com