Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595BQ Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC595BQ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC595BQ
Download  74HC595BQ Download
File Size   383.2 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state

74HC595BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC595BQ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC595BQ
Download  74HC595BQ Click to download

File Size   383.2 Kbytes
Page   24 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in, serial or parallel-out shift register with output latches; 3-state

74HC595BQ Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC595BQ Product details

General description
The 74HC595; 74HCT595 is an 8-bit serial-in/serial or parallel-out shift register with a
storage register and 3-state outputs. Both the shift and storage register have separate
clocks. The device features a serial input (DS) and a serial output (Q7S) to enable
cascading and an asynchronous reset MR input. A LOW on MR will reset the shift register.
Data is shifted on the LOW-to-HIGH transitions of the SHCP input. The data in the shift
register is transferred to the storage register on a LOW-to-HIGH transition of the STCP
input. If both clocks are connected together, the shift register will always be one clock
pulse ahead of the storage register. Data in the storage register appears at the output
whenever the output enable input (OE) is LOW. A HIGH on OE causes the outputs to
assume a high-impedance OFF-state. Operation of the OE input does not affect the state
of the registers. Inputs include clamp diodes. This enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
Features and benefits
 8-bit serial input
 8-bit serial or parallel output
 Storage register with 3-state outputs
 Shift register with direct clear
 100 MHz (typical) shift out frequency
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC595: CMOS level
 For 74HCT595: TTL level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C
Applications
 Serial-to-parallel data conversion
 Remote control holding register




Similar Part No. - 74HC595BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC595BQ PHILIPS-74HC595BQ Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595BQ NXP-74HC595BQ Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ NXP-74HC595BQ Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ NXP-74HC595BQ Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595BQ NEXPERIA-74HC595BQ Datasheet
327Kb / 21P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
More results


Similar Description - 74HC595BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com