Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS12-L Datasheet (PDF) - PANDUIT CORP.

PS12-L Datasheet PDF - PANDUIT CORP.
Part # PS12-L
Download  PS12-L Download
File Size   62.54 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Parallel Splice, Non-Insulated

PS12-L Datasheet (PDF)

Go To PDF Page Download Datasheet
PS12-L Datasheet PDF - PANDUIT CORP.

Part # PS12-L
Download  PS12-L Click to download

File Size   62.54 Kbytes
Page   1 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description Parallel Splice, Non-Insulated

PS12-L Datasheet (HTML) - PANDUIT CORP.


PS12-L Product details

• Designed to splice two solid or stranded wires together to
repair or lengthen wires
• Parallel design results in only one crimp required to
complete splice
• Seamless tubular barrel provides a consistent high performance
quality crimp
• Non-insulated barrel can be used to provide an economical
termination when insulation is not required
• Maximum recommended operating temperature 302°F (150°C)
• UL and CSA rated up to 2000 V per UL 486C




Similar Part No. - PS12-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PS12-1W MACOM-PS12-1W Datasheet
98Kb / 2P
PS12 Series High Performance Solid State Relays
PS12-1Y MACOM-PS12-1Y Datasheet
98Kb / 2P
PS12 Series High Performance Solid State Relays
logo
DATEL, Inc.
PS12-20 DATEL-PS12-20 Datasheet
117Kb / 1P
POL, 100-Watt, SMT, 0.7525 - 5 Volts Output
logo
Mobile Mark, Inc.
PS12-2400-90-GRY MOBILEMARK-PS12-2400-90-GRY Datasheet
297Kb / 1P
Directional Antennas, Sector Panels, WiFi 2.4 GHz
9/2018
PS12-2600-90-GRY MOBILEMARK-PS12-2600-90-GRY Datasheet
277Kb / 1P
Directional Antennas, Sector Panels WiMAX 2.5 GHz
4/2016
More results


Similar Description - PS12-L

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0031 MOLEXKITS-76650-0031 Datasheet
38Kb / 2P
Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
76650-0035 MOLEXKITS-76650-0035 Datasheet
39Kb / 3P
Assorted Non-Insulated 250Quick Disconnect Ring, Spade, Butt Splice and Hook Terminal
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
PANDUIT CORP.
BS22 PANDUIT-BS22 Datasheet
61Kb / 1P
26-22 BARREL NON-INSULATED BUTT SPLICE
BS18 PANDUIT-BS18 Datasheet
79Kb / 1P
NON-INSULATED BUTT SPLICE
BS18 PANDUIT-BS18_07 Datasheet
47Kb / 1P
NON-INSULATED BUTT SPLICE
logo
Tyco Electronics
34320 MACOM-34320 Datasheet
81Kb / 1P
SPLICE, PARALLEL, SOLISTRAND
34130 MACOM-34130 Datasheet
96Kb / 1P
SPLICE, PARALLEL, SOLISTRAND
52747 MACOM-52747 Datasheet
52Kb / 1P
SPLICE,PARALLEL,COPALUM,STRANDED
logo
PANDUIT CORP.
PS18-C PANDUIT-PS18-C Datasheet
37Kb / 1P
NON-INSULATED PARALLEL SPLICE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com