Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

95-705.770 Datasheet (PDF) - EAO AG.

95-705.770 Datasheet PDF - EAO AG.
Part # 95-705.770
Download  95-705.770 Download
File Size   2663.74 Kbytes
Page   6 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description 12.1 mm 15.2 mm 18.4 mm IP40 50 mA 48 VDC

95-705.770 Datasheet (PDF)

Go To PDF Page Download Datasheet
95-705.770 Datasheet PDF - EAO AG.

Part # 95-705.770
Download  95-705.770 Click to download

File Size   2663.74 Kbytes
Page   6 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description 12.1 mm 15.2 mm 18.4 mm IP40 50 mA 48 VDC

95-705.770 Datasheet (HTML) - EAO AG.


95-705.770 Product details

• IP40 Protection
• Switch Rating, 50 mA, 48 VDC
• Suitable for mounting on PCB’s with thickness of 1.5 to 2.5 mm
• Switch held during the soldering process by the spring clip contacts
• Illumination using SMD LED’s with PLCC housing (height 2.1 mm) and a radiation angle of approx. 120°
• Lenses available matt translucent or clear transparent in flat, concave or convex
• Available sizes are: 12.1 mm, 15.2 mm and 18.4 mm square
• Greater than 5 million switch cycles
• Independent illumination allows for flexibility
• Silent operation as required in some audio/video applications and light and stage technology




Similar Part No. - 95-705.770

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
95-702 LSTD-95-702 Datasheet
5Mb / 64P
BERYLLIUM COPPER SOLUTIONS AND BEYOND.
More results


Similar Description - 95-705.770

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
288 X 96 mm 5 mm 48 X 16 Dots
logo
Omron Electronics LLC
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
Tensility International...
10-01073 TENSILITY-10-01073 Datasheet
355Kb / 2P
Cable, 915 mm, 5.5x2.5x12 mm 50-00026 dc plug to 5.5x2.5 mm 50-00027 dc jack
10-01074 TENSILITY-10-01074 Datasheet
358Kb / 2P
Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to 5.5x2.5 mm 50-00027 dc jack
10-01075 TENSILITY-10-01075 Datasheet
365Kb / 2P
Cable, 915 mm, 5.5x2.1x12 mm 90째 50- 00186 plug to 5.5x2.1 mm 50-00025 dc jack
10-01076 TENSILITY-10-01076 Datasheet
329Kb / 2P
Cable, 1830 mm, 5.5x2.5x12 mm 90 50-00187 dc plug to 5.5x2.5 mm 50-00027
10-01077 TENSILITY-10-01077 Datasheet
341Kb / 2P
Cable, 915 mm, 5.5x2.5x12 mm 90 50- 00187 dc plug to 5.5x2.5 mm 50-00027 jack
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
Sensors, reflector, 50 x 50 mm
Aug 11, 2019
STBXBA2200 SCHNEIDER-STBXBA2200 Datasheet
100Kb / 2P
Modicon STB - mounting base - for power distribution module - 18.4 mm
Apr 12, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com