Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2477 Datasheet (PDF) - Analog Devices

DS2477 Datasheet PDF - Analog Devices
Part # DS2477
Download  DS2477 Download
File Size   405.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection

DS2477 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2477 Datasheet PDF - Analog Devices

Part # DS2477
Download  DS2477 Click to download

File Size   405.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection

DS2477 Datasheet (HTML) - Analog Devices


DS2477 Product details

Benefits and Features
●●Robust Countermeasures Protect Against Security Attacks
•Patented Physically Unclonable Function Secures Device Data
•Actively Monitored Die Shield Detects and Reacts to Intrusion Attempts
•All Stored Data Cryptographically Protected from Discovery
●●Efficient Secure Hash Algorithm Authenticates and Manages Peripherals
•FIPS 202-Compliant SHA-3 Algorithm for Bidirectional Authentication
•FIPS 198-Compliant Keyed-Hash Message Authentication Code (HMAC)
•TRNG with NIST SP 800-90B Compliant Entropy Source
●●Supplemental Features Enable Easy Integration into End Applications
•2Kb of EEPROM for User Data, Key, and Control Registers
•One Open-Drain GPIO Pin
•Unique and Unalterable Factory Programmed 64-Bit Identification Number (ROM ID)
•Large 1-Wire Block Buffer (126 bytes) for Efficient Data Transfer
•1-Wire Standard and Overdrive Timing Communication Speeds
•I2C Communication, Up to 1MHz
•Operating Range: 2.2V to 3.63V, -40°C to +85°C
•6-Pin TDFN-EP Package (3mm x 3mm)




Similar Part No. - DS2477

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2477 MAXIM-DS2477 Datasheet
3Mb / 15P
Software Runs on Windows 10 and Windows 7
Rev 2; 2/19
DS2477 MAXIM-DS2477 Datasheet
2Mb / 7P
Fully Compliant with USB Specification v2.0
Rev 0; 3/19
DS2477 MAXIM-DS2477 Datasheet
1Mb / 7P
Convenient On-Board Test Points and TDFN Socket
Rev 0; 4/20
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
DS2477Q+T MAXIM-DS2477Q+T Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
More results


Similar Description - DS2477

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2476 MAXIM-DS2476 Datasheet
347Kb / 8P
DeepCover Secure Coprocessor
Rev 0; 7/16
DS28E39 MAXIM-DS28E39 Datasheet
402Kb / 16P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 12/18
DS28E50 MAXIM-DS28E50 Datasheet
446Kb / 17P
DeepCover Secure SHA-3 Authenticator with ChipDNA PUF Protection
Rev 1; 9/18
DS28E38 MAXIM-DS28E38 Datasheet
462Kb / 16P
DeepCover® Secure ECDSA Authenticator with ChipDNA PUF Protection
Rev 2; 5/20
DS28C39 MAXIM-DS28C39 Datasheet
331Kb / 11P
DeepCover Secure ECDSA Bidirectional Authenticator with ChipDNA PUF Protection
Rev 0; 11/19
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
logo
Analog Devices
MAX66301 AD-MAX66301 Datasheet
438Kb / 21P
DeepCover Secure Authenticator with SHA-3 and RFID Reader
Rev 0; 6/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com